Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 20 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 20 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 16Page - National Semiconductor (TI) DP8344B Datasheet HTML 17Page - National Semiconductor (TI) DP8344B Datasheet HTML 18Page - National Semiconductor (TI) DP8344B Datasheet HTML 19Page - National Semiconductor (TI) DP8344B Datasheet HTML 20Page - National Semiconductor (TI) DP8344B Datasheet HTML 21Page - National Semiconductor (TI) DP8344B Datasheet HTML 22Page - National Semiconductor (TI) DP8344B Datasheet HTML 23Page - National Semiconductor (TI) DP8344B Datasheet HTML 24Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 20 / 184 page
background image
20 CPU Description (Continued)
213 Instruction Set
The followng paragraphs introduce the BCP’s architecture
by discussing addressing modes and briefly discussing the
Instruction Set For detailed explanations and examples of
each instruction refer to the Instruction Set Reference Sec-
tion
2131 Harvard Architecture Implications
The BCP utilizes a true Harvard Architecture where the in-
struction and data memory are organized into two indepen-
dent memory banks each with their own address and data
buses Both the Instruction Address Bus and the Instruction
Bus are 16 bits wide with the Instruction Address Bus ad-
dressing memory by words (A word of memory is 16 bits
long ie 1 word e 2 bytes) Most of the instructions are
one word long The exceptions are two words long contain-
ing a word of instruction followed by a word of immediate
data The combination of word sized instructions and a word
based instruction address bus eliminates the typical instruc-
tion alignment problems faced by many CPU’s
The Data Address Bus is 16 bits wide (with the low order 8
bits multiplexed on the Data Bus) and the Data Bus is 8 bits
wide (ie one byte wide) The Data Address Bus addresses
memory by bytes Most of the BCP’s instructions operate on
byte-sized operands
Note that although both instruction addresses and data ad-
dresses are 16 bits long these addresses are for two differ-
ent buses and therefore have two different numerical
meanings (ie
byte address or word address) Each in-
struction determines whether the meaning of a 16-bit ad-
dress is that of an instruction word address or a data byte
address Little confusion exists though because only the
program flow instructions interpret 16-bit addresses as in-
struction addresses
2132 Addressing Modes
An addressing mode is the mechanism by which an instruc-
tion accesses its operand(s) The BCP’s architecture sup-
ports five basic addressing modes register immediate in-
dexed immediate-relative and register-relative The first
two allow instructions to execute the fastest because they
require no memory access beyond instruction fetch The
remaining three addressing modes point to data or instruc-
tion memory Typical of a RISC processor most of the in-
structions only support the first three addressing modes
with one of the operands always limited to the register ad-
dressing mode
Register Addressing Modes
There are two terminologies for the register addressing
modes Register and Limited Register Instructions that al-
low Register operands can access all the registers in the
CPU Note that only 32 of the 44 CPU registers are available
at any given point in time because the lower 12 register
locations (R0 – R11) access one of two switchable register
banks each (See Section 2111 Banked Registers for
more information on the CPU register banks) Instructions
that allow the Limited Register operands can access just
the first 28 registers of the CPU Again note that only 16 of
these 28 registers are available at any given point in time
Table 2-1 shows the notations used for the Register and
Limited Register operands Some instructions also imply the
use of certain registers for example the accumulators This
is noted in the discussions of those instructions
Immediate Addressing Modes
The two types of the immediate addressing modes available
are Immediate numbers and Absolute numbers Immediate
numbers are 8 bits of data (one data byte) that code direct-
ly into the instruction word Immediate numbers may repre-
sent data data address displacements or relative instruc-
tion addresses Absolute numbers are 16-bit numbers They
code into the second word of two word instructions and they
represent absolute instruction addresses Table 2-2 shows
the notations used for both of these addressing modes
TABLE 2-1 Register Addressing Mode Notations
Notation
Type of Register Operand
Registers Allowed
Rs
Source Register
R0 – R31
Rd
Destination Register
R0 – R31
Rsd
Register is both a Source
Destination
R0 – R31
rs
Limited Source Register
R0 – R15
rd
Limited Destination Register
R0 – R15
rsd
Limited Register is both a Source
Destination
R0 – R15
TABLE 2-2 Immediate Addressing Mode Notations
Notation
Type of Immediate Operand
Size
n
Immediate Number
8 Bits
nn
Absolute Number
16 Bits
20



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com