Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 99 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 99 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 95Page - National Semiconductor (TI) DP8344B Datasheet HTML 96Page - National Semiconductor (TI) DP8344B Datasheet HTML 97Page - National Semiconductor (TI) DP8344B Datasheet HTML 98Page - National Semiconductor (TI) DP8344B Datasheet HTML 99Page - National Semiconductor (TI) DP8344B Datasheet HTML 100Page - National Semiconductor (TI) DP8344B Datasheet HTML 101Page - National Semiconductor (TI) DP8344B Datasheet HTML 102Page - National Semiconductor (TI) DP8344B Datasheet HTML 103Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 99 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-3 Data Memory Read Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tW-ALE
1
ALE High
(nRWa1)Tab10
12
ns
tPD-AAD-ALE
2
A AD (Data Address) Valid to ALE Falling
Tab22
ns
tPD-ALE-AD
3
ALE Falling to AD (Data Address) Invalid
TLab2ns
tH-RD-DATA
4
Data Valid after READ Rising
0
ns
tAZ-RD-AD
5
READ Falling to AD Disabled ( 4TR e0)
20
ns
tAZ-AD-RD
6
AD Disabled before READ Falling ( 4TR e1)
THab20
ns
tSU-RD-DATA
7
READ Falling to AD (Data) Setup ( 4TR e0)
(MAX(nDW nIWb1)a1)Tab22
ns
tSU-RD-DATA
8
READ Falling to AD (Data) Setup ( 4TR e1)
(MAX(nDWb1nIWb1)a1)TaTLab21
ns
tZA-RD-AD
9
READ Rising to AD Enabled
THab2ns
tPD-AAD-RD
10
A AD (Data Address) Valid before READ Falling
TaTLab27
ns
( 4TR e0)
tPD-AAD-RD
11
A AD (Data Address) Valid before READ Falling
2Tab27
ns
( 4TR e1)
tW-RD
12
READ Low ( 4TR e0)
(MAX(nDW nIWb1)a1)Tab10
10
ns
tW-RD
13
READ Low ( 4TR e1)
(MAX(nDWb1nIWb1)a1)TaTLab10
10
ns
tACC-D
14
Data Memory Read Time ( 4TR )e0)
(MAX(nDW nIWb1)a2)TaTLab40
ns
tACC-D
15
Data Memory Read Time ( 4TR )e1)
(MAX(nDWb1nIWb1)a3)TaTLab40
ns
tSU-AD-DATA
16
AD Disabled to AD (Data) Setup ( 4TR e0)
(MAX(nDW nIWb1)a1)Tab33
ns
tSU-AD-DATA
17
AD Disabled to AD (Data) Setup ( 4TR e1)
(MAX(nDWb1nIWb1)a2)Tab33
ns
tPD-ALE-AAD
18
ALE Rising to A AD (Data Address) Valid
(nRW)Ta
24
ns
tPD-RD-A
19
READ Rising to A Invalid
THa
0ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
TLF9336 – 52
(a) Read Timing with ( 4TR e0)
TLF9336 – H7
(b) Read Timing with ( 4TR e1)
FIGURE 5-3 Data Memory Read Timing
99



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com