Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 103 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 103 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 99Page - National Semiconductor (TI) DP8344B Datasheet HTML 100Page - National Semiconductor (TI) DP8344B Datasheet HTML 101Page - National Semiconductor (TI) DP8344B Datasheet HTML 102Page - National Semiconductor (TI) DP8344B Datasheet HTML 103Page - National Semiconductor (TI) DP8344B Datasheet HTML 104Page - National Semiconductor (TI) DP8344B Datasheet HTML 105Page - National Semiconductor (TI) DP8344B Datasheet HTML 106Page - National Semiconductor (TI) DP8344B Datasheet HTML 107Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 103 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-7 Transceiver Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tPD-X1-TA
1
X1 Rising to TX-ACT RisingFalling
10
65
ns
tPD-XTCLK-TA
2
X-TCLK Rising to TX-ACT RisingFalling
7
49
ns
tPD-DODD-TA
3
DATA-OUT DATA-DLY Valid to TX-ACT Rising
Ca
16
ns
tW-DO-HB
4
DATA-OUT Half Bit Cell Width
4Cab10
10
ns
tW-DO-FB
5
DATA-OUT Full Bit Cell Width
8Cab10
10
ns
tPD-DO-DD
6
DATA-OUT FallingRising to DATA-DLY
2Cab10
10
ns
RisingFalling (Note 3)
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
When ATA e1 TX-ACT is delayed by 4C and an additional line quiescent is generated resulting in 5
line quiescent pulses after the line interface logic
The additional delay relative to a message with ATA e0 is 8C (one bit time)
TLF9336 – 56
(a) Transmission Beginning Timing (Note 2)
TLF9336 – 57
(b) Transmission Ending Timing
FIGURE 5-7 Transceiver Timing
103



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com