Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 106 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 106 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 102Page - National Semiconductor (TI) DP8344B Datasheet HTML 103Page - National Semiconductor (TI) DP8344B Datasheet HTML 104Page - National Semiconductor (TI) DP8344B Datasheet HTML 105Page - National Semiconductor (TI) DP8344B Datasheet HTML 106Page - National Semiconductor (TI) DP8344B Datasheet HTML 107Page - National Semiconductor (TI) DP8344B Datasheet HTML 108Page - National Semiconductor (TI) DP8344B Datasheet HTML 109Page - National Semiconductor (TI) DP8344B Datasheet HTML 110Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 106 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-10 Control Pin Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tW-RST
1
RESET Low
5Ta
0ns
tPD-RST-ICLK
2
RESET Rising to ICLK Rising
4Ta
0ns
tSU-ALE-WT
3
WAIT Low after ALE High to Extend Cycle
(MAX(nDW nIWb1)a1)Tab21
ns
tH-WT-ALE
4
WAIT Rising after ALE Falling (Note 2)
0
ns
(MAX(nDW nIWb1)a1)Tab28
ns
tPD-WT-RDWR
5
WAIT Rising to READ or WRITE Rising
TaTLab22
ns
2TaTLa
2ns
tSU-RRW-RST
6
REM-RD REM-WR Low to RESET
15
ns
Rising for BCP to Start
tH-RST-RRW
7
REM-RD REM-WR Low after RESET
5ns
Rising for BCP to Start
tSU-LK-ICLK
8
LOCK Low before ICLK High (Note 3)
TLa
19
ns
tPD-LK-ALE
9
LOCK High to ALE Low
Tab2ns
3Ta
20
ns
tSU-WT-ICLK
10
WAIT Low after ICLK Rising to Extend Cycle
(MAX(nDW nIWb1))TaTHa
b
22
ns
(Note 4)
tH-WT-ICLK
11
WAIT High after ICLK Rising (Notes 2 4)
(MAX(nDW nIWb1))TaTHa
2ns
(MAX(nDW nIWb1)a1)TaTHab20
ns
tH-LK-ICLK
12
LOCK Rising after ICLK High
THa
2ns
tPD-AD-ALE
13
AD to ALE Falling after LOCK Rising
Tab33
ns
tSU-WT-ALEf
14
WAIT Low before ALE Falling to Extend Cycle
23
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
The maximum value for this parameter is the lastest WAIT can be removed without adding an additional T-state The formula assumes a minimum
externally generated wait of one T-state
Note 3
If tSU-LK-ICLK is not met the maximum time from LOCK low till no more local accesses is (MAX(nDW nIWb1)a3)T
Note 4
The formula(s) apply to a 2 T-state instruction For a 3 T-state instruction add one T-state for a 4 T-state instruction add two T-states
106



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com