Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 110 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 110 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 106Page - National Semiconductor (TI) DP8344B Datasheet HTML 107Page - National Semiconductor (TI) DP8344B Datasheet HTML 108Page - National Semiconductor (TI) DP8344B Datasheet HTML 109Page - National Semiconductor (TI) DP8344B Datasheet HTML 110Page - National Semiconductor (TI) DP8344B Datasheet HTML 111Page - National Semiconductor (TI) DP8344B Datasheet HTML 112Page - National Semiconductor (TI) DP8344B Datasheet HTML 113Page - National Semiconductor (TI) DP8344B Datasheet HTML 114Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 110 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-13 Buffered Read of IMEM (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRR-CO
1
RAE REM-RD Falling before CLK-OUT Rising
22
ns
tH-RRR-X
2
RAE REM-RD Rising after XACK Rising (Note 2)
0
ns
Tab32
ns
tSU-CMD-RRR
3
CMD Valid before RAE REM-RD Falling
0
ns
tH-CMD-RRR
4
CMD Invalid after RAE REM-RD Falling
Ta
26
ns
tPD-RRR-X
5
RAE REM-RD Falling to XACK Falling
26
ns
tPD-X-LCL
6
XACK Falling to LCL Rising
Tab5ns
tPD-LCL-X
7
LCL Rising to XACK Rising
(nIWa2)Tab10
8
ns
tPD-RRR-LCL
8
RAE REM-RD Rising to LCL Falling
3
ns
tAZ-LCL-A
9
A Disabled after LCL Rising
TLab18
ns
tZA-A-LCL
10
A Enabled before LCL Falling
THa
15
ns
tPD-IMEM-X
11
AD (IMEM) Valid before XACK Rising
(nIWa1)Tab25
ns
tPD-RRR-IMEM
12
AD (IMEM) Invalid after RAE REM-RD Rising
10
ns
tPD-LCL-IMEM
13
LCL Rising to AD (IMEM) Valid
Ta
22
ns
tW-IMEM
14
(IMEM) Valid
(nIWa1)Ta
0ns
tPD-LCL-IA
15
LCL Falling to Next IA Valid (Note 3)
THa
8ns
TaTHa
44
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
The maximum value for this parameter is the latest RAE REM-RD can be removed without adding a T-state to the remote access
Note 3
Two remote reads from instruction memory are necessary to read a 16-bit instruction word from IMEMlow byte followed by high byte The timing for the
two reads are the same except that IA is incremented after the high instruction memory byte is read
TLF9336 – 67
FIGURE 5-13 Buffered Read of IMEM
110



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com