Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 102 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 102 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 98Page - National Semiconductor (TI) DP8344B Datasheet HTML 99Page - National Semiconductor (TI) DP8344B Datasheet HTML 100Page - National Semiconductor (TI) DP8344B Datasheet HTML 101Page - National Semiconductor (TI) DP8344B Datasheet HTML 102Page - National Semiconductor (TI) DP8344B Datasheet HTML 103Page - National Semiconductor (TI) DP8344B Datasheet HTML 104Page - National Semiconductor (TI) DP8344B Datasheet HTML 105Page - National Semiconductor (TI) DP8344B Datasheet HTML 106Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 102 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-6 Clock Timing (Note 1)
Symbol
ID
Parameter
Formula
Min
Max
Units
tT-X1
1
X1 Period (Note 2)
50
500
ns
tPD-X1-CO
2
X1 to CLK-OUT (Note 2)
37
ns
tPD-CO-ICLKr
3
CLK-OUT Rising to ICLK Rising
15
ns
tPD-CO-ICLKf
4
CLK-OUT Rising to ICLK Falling (Note 3)
15
ns
tT-XT
5
X-TCLK Period (Note 4)
50
500
ns
tW-X1HL
6
X1 High and Low time Pulse Widths (Note 5)
21
ns
tW-XTHL
7
XTCLK High and Low Time Pulse Widths
15
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
Measurement thresholds at 25V
Note 3
The falling edge of ICLK occurs only after the next IA becomes valid The CLK-OUT cycle in which this occurs depends on the instruction being executed
and the number of programmed instruction wait states
Note 4
There is no relationship between X1 and X-TCLK X-TCLK is fully asynchronous
Note 5
External loading on pin X2 equal to 15 pF See
Figure 5-6b for affect of X2 loading in non-crystal applications (ie an external oscillator driving X1)
TLF9336 – 55
TLF9336 – H8
FIGURE 5-6 Clock Timing
102



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com