Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 116 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 116 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 112Page - National Semiconductor (TI) DP8344B Datasheet HTML 113Page - National Semiconductor (TI) DP8344B Datasheet HTML 114Page - National Semiconductor (TI) DP8344B Datasheet HTML 115Page - National Semiconductor (TI) DP8344B Datasheet HTML 116Page - National Semiconductor (TI) DP8344B Datasheet HTML 117Page - National Semiconductor (TI) DP8344B Datasheet HTML 118Page - National Semiconductor (TI) DP8344B Datasheet HTML 119Page - National Semiconductor (TI) DP8344B Datasheet HTML 120Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 116 / 184 page
background image
50 Device Specifications (Continued)
TABLE 5-19 Slow Buffered Write of IMEM (Notes 1 2)
Symbol
ID
Parameter
Formula
Min
Max
Units
tSU-RRW-CO
1
RAE REM-WR Falling before CLK-OUT Rising
24
ns
tH-RRW-X
2
RAE REM-WR Rising after XACK Rising (Note 3)
0
ns
Tab34
ns
tSU-CMD-RRW
3
CMD Valid before RAE REM-WR Falling
0
ns
tH-CMD-RRW
4
CMD Invalid after RAE REM-WR Falling
Ta
26
ns
tPD-RRW-X
5
RAE REM-WR Falling to XACK Falling
26
ns
tPD-X-LCL
6
XACK Falling to LCL Rising
Tab5ns
tPD-LCL-X
7
LCL Rising to XACK Rising
(nIWa2)Tab10
8
ns
tPD-RRW-LCL
8
RAE REM-WR to LCL Falling
Ta
5ns
tAZ-AAD-LCL
9
A AD Disabled before LCL Rising
TLab20
ns
tZA-LCL-AAD
10
A AD Enabled after LCL Falling
THab10
ns
tPD-RDAT-I
11
AD (Data) Valid to I Valid
30
ns
tH-RDAT-RRW
12
AD (Data) Invalid after RAE REM-WR Rising
14
ns
tPD-LCL-IA
13
LCL Falling to next IA Valid
TaTHab20
3
ns
tPD-LCL-IWR
14
LCL Rising to IWR Falling
b
3ns
tPD-IWR-X
15
IWR Falling before XACK Rising
(nIWa2)Tab19
ns
tPD-RRW-IWR
16
RAE REM-WR Rising to IWR Rising
5
ns
tZA-IWR-I
17
IWR Falling to I Enabled
Tab2ns
tAZ-IWR-I
18
IWR Rising to I Disabled
22
52
ns
tPD-I-IWR
19
I Valid before IWR Rising
(nIWa1)Tab10
ns
tW-IWR
20
IWR Low
(nIWa2)Tab2ns
tPD-I-IA
21
I Disabled to IA Invalid
2TaTHab64
ns
Note 1
All parameters are individually tested and guaranteed Interpreting this data by numerically adding two or more parameters to create a new timing
specification may lead to invalid results
Note 2
Two remote writes to instruction memory are necessary to store a 16-bit instruction word to IMEMlow byte followed by high byte The timing for the 2nd
write is shown in the following diagram The timing of the first write is the same as a write of the PC or RIC
Note 3
The maximum value for this parameter is the latest RAE REM-WR can be removed without adding a T-state to the remote access
116



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com