Electronic Components Datasheet Search
  English  ▼

X  

DP8344B Datasheet(PDF) 167 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP8344B
Description  Biphase Communications Processor?좦CP
PDF  184 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP8344B Datasheet(HTML) 167 Page - National Semiconductor (TI)

Back Button DP8344B Datasheet HTML 163Page - National Semiconductor (TI) DP8344B Datasheet HTML 164Page - National Semiconductor (TI) DP8344B Datasheet HTML 165Page - National Semiconductor (TI) DP8344B Datasheet HTML 166Page - National Semiconductor (TI) DP8344B Datasheet HTML 167Page - National Semiconductor (TI) DP8344B Datasheet HTML 168Page - National Semiconductor (TI) DP8344B Datasheet HTML 169Page - National Semiconductor (TI) DP8344B Datasheet HTML 170Page - National Semiconductor (TI) DP8344B Datasheet HTML 171Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 167 / 184 page
background image
60 Reference Section (Continued)
ECR
ERROR CODE REGISTER
Alternate R4 with SEC high read only
76
5
432
1
0
rsv
rsv
rsv
OVF
PAR
IES
LMBT
RDIS
OVF
Receiver oVerFlow
Set when the receiver
has processed 3 words and another complete
frame is received before the FIFO is read by the
CPU Cleared by reading ECR or by asserting
TRES
PAR
PARity error
Set when bad (odd) overall
word parity is detected in any receive frame
Cleared by reading
ECR
or by asserting
TRES
IES
Invalid Ending Sequence
Set when the
‘‘mini-code violation’’ is not correct during a 3270
3299 or 8-bit ending sequence Cleared by read-
ing ECR or by asserting TRES
LMBT
Loss of Mid-Bit Transition
Set when the ex-
pected Manchester Code mid-bit transition does
not occur within the allowed window Cleared by
reading ECR or by asserting TRES
RDIS
Receiver DISabled while active
Set when
transmitter is activated while receiver is active
without RPEN being asserted Cleared by reading
ECR or by asserting TRES
Further informa-
tion Section 32 Transceiver Functional Descrip-
tion
FBR
FILL-BIT REGISTER
Alternate R3 readwrite
76543210
FB7
FB6
FB5
FB4
FB3
FB2
FB1
FB0
FB7–0
Fill Bits
5250 fill-bit control Further informa-
tion Section 30 Transceiver
167



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com