| Electronic Components Datasheet Search |
|
DP83901A Datasheet(PDF) 25 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901A Datasheet(HTML) 25 Page - National Semiconductor (TI) |
|
25 / 62 page ![]() 100 Internal Registers (Continued) 103 REGISTER DESCRIPTIONS (Continued) DATA CONFIGURATION REGISTER (DCR) 0EH (WRITE) This Register is used to program the SNIC for 8- or 16-bit memory interface select byte ordering in 16-bit applications and establish FIFO thresholds The DCR must be initialized prior to loading the Remote Byte Count Registers LAS is set on power up 76543210 FT1 FT0 ARM LS LAS BOS WTS Bit Symbol Description D0 WTS Word Transfer Select 0 Selects byte-wide DMA transfers 1 Selects word-wide DMA transfers WTS establishes byte or word transfers for both Remote and Local DMA transfers Note When word-wide mode is selected up to 32k words are addressable A0 remains low D1 BOS Byte Order Select 0 MS byte placed on AD15 – AD8 and LS byte on AD7 – AD0 (32xxx 80x86) 1 MS byte placed on AD7 – AD0 and LS byte on AD15 – A8 (680x0) Ignored when WTS is low D2 LAS Long Address Select 0 Dual 16-bit DMA mode 1 Single 32-bit DMA mode When LAS is high the contents of the Remote DMA registers RSAR0 1 are issued as A16 – A31 Power up high D3 LS Loopback Select 0 Loopback mode selected Bits D1 and D2 of the TCR must also be programmed for Loopback operation 1 Normal Operation D4 ARM Auto-Initialize Remote 0 Send Command not executed all packets removed from Buffer Ring under program control 1 Send Command executed Remote DMA auto-initialized to remove packets from Buffer Ring Note Send Command cannot be used with 680x0 byte processors D5 FT0 FIFO Threshold Select Encoded FIFO threshold Establishes point at which bus is requested when filling or emptying the FIFO During reception the FIFO threshold indicates the number of bytes (or words) the FIFO has and and filled serially from the network before bus request (BREQ) is asserted D6 FT1 Note FIFO threshold setting determines the DMA burst length Receive Thresholds FT1 FT0 Word Wide Byte Wide 0 0 1 Word 2 Bytes 0 1 2 Words 4 Bytes 1 0 4 Words 8 Bytes 1 1 6 Words 12 Bytes During transmission the FIFO threshold indicates the number of bytes (or words) the FIFO has filled from the Local DMA before BREQ is asserted Thus the transmission threshold is 13 bytes less the received threshold 25 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |