Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 2Page - National Semiconductor (TI) DP83901A Datasheet HTML 3Page - National Semiconductor (TI) DP83901A Datasheet HTML 4Page - National Semiconductor (TI) DP83901A Datasheet HTML 5Page - National Semiconductor (TI) DP83901A Datasheet HTML 6Page - National Semiconductor (TI) DP83901A Datasheet HTML 7Page - National Semiconductor (TI) DP83901A Datasheet HTML 8Page - National Semiconductor (TI) DP83901A Datasheet HTML 9Page - National Semiconductor (TI) DP83901A Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 62 page
background image
40 Functional Description (Refer toFigure 1)
ENCODERDECODER (ENDEC) MODULE
The ENDEC consists of four main logical blocks
a) The Manchester encoder accepts NRZ data from the
controller encodes the data to Manchester and trans-
mits it differentially to the transceiver through the differ-
ential transmit driver
b) The Manchester decoder receives Manchester data from
the transceiver converts it to NRZ data and clock pulses
and sends it to the controller
c) The collision translator indicates to the controller the
presence of a valid 10 MHz collision signal to the PLL
MANCHESTER ENCODER AND DIFFERENTIAL DRIVER
The differential transmit pair on the secondary of the em-
ployed transformer drives up to 50 meters of twisted pair
AUI cable These outputs are source followers which require
two 270X pull-down resistors to ground
The DP83901A allows both half-step and full-step to be
compatible with Ethernet and IEEE 8023 With the SEL pin
low (for Ethernet I) Transmita is positive with respect to
Transmitb during idle with SEL high (for IEEE 8023)
Transmita and Transmitb are equal in the idle state This
provides zero differential voltage to operate with transform-
er coupled loads
MANCHESTER DECODER
The decoder consists of a differential receiver and a PLL to
separate a Manchester decoded data stream into internal
clock signals and data The differential input must be exter-
nally terminated with two 39X resistors connected in series
if the standard 78X transceiver drop cable is used in thin
Ethernet applications these resistors are optional To pre-
vent noise from falsely triggering the decoder a squelch
circuit at the input rejects signals with levels less than
b
175 mV Signals more negative than b300 mV and a
duration greater than 30 ns are decoded Data becomes
valid typically within 5 bit times The DP83901A may tolerate
bit jitter up to 18 ns in the received data The decoder de-
tects the end of a frame when no more mid-bit transitions
are detected
COLLISION TRANSLATOR
When the Ethernet transceiver (DP8392 CTI) detects a colli-
sion it generates a 10 MHz signal to the differential collision
inputs (CDg) of the DP83901A When these inputs are de-
tected active the DP83901A uses this signal to back off its
current transmission and reschedule another one
The collision differential inputs are terminated the same way
as the differential receive inputs The squelch circuitry is
also similar rejecting pulses with levels less than b175 mV
NIC (Media Access Control) MODULE
RECEIVE DESERIALIZER
The Receive Deserializer is activated when the input signal
Carrier Sense is asserted to allow incoming bits to be shift-
ed into the shift register by the receive clock The serial
receive data is also routed to the CRC generatorchecker
The Receive Deserializer includes a synch detector which
detects the SFD (Start of Frame Delimiter) to establish
where byte boundaries within the serial bit stream are locat-
ed After every eight receive clocks the byte wide data is
transferred to the 16-byte FIFO and the Receive Byte Count
is incremented
The first six bytes after the SFD are
checked for valid comparison by the Address Recognition
Logic If the Address Recognition Logic does not recognize
the packet the FIFO is cleared
CRC GENERATORCHECKER
During transmission the CRC logic generates a local CRC
field for the transmitted bit sequence The CRC encodes all
fields after the SFD The CRC is shifted out MSB first follow-
ing the last transmit byte During reception the CRC logic
generates a CRC field from the incoming packet This local
CRC is serially compared to the incoming CRC appended to
the end of the packet by the transmitting node If the local
and received CRC match a specific pattern will be generat-
ed and decoded to indicate no data errors Transmission
errors result in different pattern and are detected resulting
in rejection of a packet (if so programmed)
TRANSMIT SERIALIZER
The Transmit Serializer reads parallel data from the FIFO
and serializes it for transmission The serializer is clocked by
the transmit clock generated internally The serial data is
also shifted into the CRC generatorchecker At the begin-
ning of each transmission the Preamble and Synch Gener-
ator append 62 bits of 10 preamble and a 11 synch pat-
tern After the last data byte of the packet has been serial-
ized the 32-bit FCS field is shifted directly out of the CRC
generator In the event of a collision the Preamble and
Synch generator is used to generate a 32-bit JAM pattern of
all 1’s
ADDRESS RECOGNITION LOGIC
The address recognition logic compares the Destination Ad-
dress Field (first 6 bytes of the received packet) to the Phys-
ical address registers stored in the Address Register Array
If any one of the six bytes does not match the pre-pro-
grammed physical address the Protocol Control Logic re-
jects the packet All multicast destination addresses are fil-
tered using a hashing technique (See register description)
If the multicast address indexes a bit that has been set in
the filter bit array of the Multicast Address Register Array
the packet is accepted otherwise it is rejected by the Proto-
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com