Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 42 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 42 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 38Page - National Semiconductor (TI) DP83901A Datasheet HTML 39Page - National Semiconductor (TI) DP83901A Datasheet HTML 40Page - National Semiconductor (TI) DP83901A Datasheet HTML 41Page - National Semiconductor (TI) DP83901A Datasheet HTML 42Page - National Semiconductor (TI) DP83901A Datasheet HTML 43Page - National Semiconductor (TI) DP83901A Datasheet HTML 44Page - National Semiconductor (TI) DP83901A Datasheet HTML 45Page - National Semiconductor (TI) DP83901A Datasheet HTML 46Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 42 / 62 page
background image
130 Bus Arbitration and Timing (Continued)
REMOTE DMA-BIDIRECTIONAL PORT CONTROL
The Remote DMA transfers data between the local buffer
memory and a bidirectional port (memory to IO transfer)
This transfer is arbited on a byte by byte basis versus the
burst transfer used for Local DMA transfers This bidirec-
tional port is also readwritten by the host All transfers
through this port are asynchronous At any one time trans-
fers are limited to one direction either from the port to local
buffer memory (Remote Write) or from local buffer memory
to the port (Remote Read)
Bus Handshake Signals for Remote DMA Transfers
TLF10469 – 27
REMOTE READ TIMING
1 The DMA reads byteword from local buffer memory and
writes byteword into latch increments the DMA address
and decrements the byte count (RBCR0 1)
2 A Request Line (PRQ) is asserted to inform the system
that a byte is available
3 The system reads the port the read strobe (RACK)is
used as an acknowledge by the Remote DMA and it goes
back to step 1
Steps 1 – 3 are repeated until the remote DMA is complete
Note that in order for the Remote DMA to transfer a byte
from memory to the latch it must arbitrate access to the
local bus via a BREQ BACK handshake After each byte or
word is transferred to the latch BREQ is dropped If a Local
DMA is in progress the Remote DMA is held off until the
local DMA is complete
TLF10469 – 28
42



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com