Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 18 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 18 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 14Page - National Semiconductor (TI) DP83901A Datasheet HTML 15Page - National Semiconductor (TI) DP83901A Datasheet HTML 16Page - National Semiconductor (TI) DP83901A Datasheet HTML 17Page - National Semiconductor (TI) DP83901A Datasheet HTML 18Page - National Semiconductor (TI) DP83901A Datasheet HTML 19Page - National Semiconductor (TI) DP83901A Datasheet HTML 20Page - National Semiconductor (TI) DP83901A Datasheet HTML 21Page - National Semiconductor (TI) DP83901A Datasheet HTML 22Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 18 / 62 page
background image
80 Packet Transmission
The Local DMA is also used during transmission of a pack-
et Three registers control the DMA transfer during trans-
mission a Transmit Page Start Address Register (TPSR)
and the Transmit Byte Count Registers (TBCR0 1) When
the SNIC receives a command to transmit the packet point-
ed to by these registers buffer memory data will be moved
into the FIFO as required during transmission The SNIC will
generate and append the preamble synch and CRC fields
General Transmit Packet Format
Transmit
Destination Address
6 Bytes
Byte
Source Address
6 Bytes
Count
TypeLength
2 Bytes
TBCR0 1
Data
Pad (If Data k 46 Bytes)
t
46 Bytes
TRANSMIT PACKET ASSEMBLY
The SNIC requires a contiguous assembled packet with the
format shown The transmit byte count includes the Destina-
tion Address Source Address Length Field and Data It
does not include preamble and CRC When transmitting
data smaller than 46 bytes the packet must be padded to a
minimum size of 64 bytes The programmer is responsible
for adding and stripping pad bytes
TRANSMISSION
Prior to transmission the TPSR (Transmit Page Start Regis-
ter) and TBCR0 TBCR1 (Transmit Byte Count Registers)
must be initialized To initiate transmission of the packet the
TXP bit in the Command Register is set The Transmit
Status Register (TSR) is cleared and the SNIC begins to
prefetch transmit data from memory (unless the SNIC is cur-
rently receiving) If the interframe gap has timed out the
SNIC will begin transmission
CONDITIONS REQUIRED TO BEGIN TRANSMISSION
In order to transmit a packet the following three conditions
must be met
1 The Interframe Gap Timer has timed out the first 64 ms
of the Interframe Gap
2 At least one byte has entered the FIFO (This indicates
that the burst transfer has been started)
3 If a collision had been detected then before transmission
the packet time must have timed out
In typical systems the SNIC prefetchs the first burst of bytes
before the 64 ms timer expires The time during which SNIC
transmits preamble can also be used to load the FIFO
Note
If carrier sense is asserted before a byte has been loaded into the
FIFO the SNIC will become a receiver
COLLISION RECOVERY
During transmission the Buffer Management logic monitors
the transmit circuitry to determine if a collision has occurred
If a collision is detected the Buffer Management logic will
reset the FIFO and restore the Transmit DMA pointers for
retransmission of the packet The COL bit will be set in the
TSR and the NCR (Number of Collisions Register) will be
incremented If 15 retransmissions each result in a collision
the transmission will be aborted and the ABT bit in the TSR
will be set
Note
NCR reads as zeroes if excessive collisions are encountered
TRANSMIT PACKET ASSEMBLY FORMAT
The following diagrams describe the format for how packets
must be assembled prior to transmission for different byte
ordering schemes The various formats are selected in the
Data Configuration Register
D15
D8 D7
D0
Destination Address 1
Destination Address 0
Destination Address 3
Destination Address 2
Destination Address 5
Destination Address 4
Source Address 1
Source Address 0
Source Address 3
Source Address 2
Source Address 5
Source Address 4
TypeLength 1
TypeLength 0
Data 1
Data 0
BOS e 0 WTS e 1 in Data Configuration Register
This format is used with Series 32xxx or 808xx processors
D15
D8 D7
D0
Destination Address 0
Destination Address 1
Destination Address 2
Destination Address 3
Destination Address 4
Destination Address 5
Source Address 0
Source Address 1
Source Address 2
Source Address 3
Source Address 4
Source Address 5
TypeLength 0
TypeLength 1
Data 0
Data 1
BOS e 1 WTS e 1 in Data Configuration Register
This format is used with 680x0 type processors
D1
D0
Destination Address 0
Destination Address 1
Destination Address 2
Destination Address 3
Destination Address 4
Destination Address 5
Source Address 0
Source Address 1
Source Address 2
Source Address 3
Source Address 4
Source Address 5
BOS e 0 WTS e 0 in Data Configuration Register
This format is used with general 8-bit processors
Note
All examples above will result in a transmission of a packet in order of
DA0 DA1 DA3
bits within each byte will be transmitted least
significant bit first
DA e Destination Address
18



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com