Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 52 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 52 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 48Page - National Semiconductor (TI) DP83901A Datasheet HTML 49Page - National Semiconductor (TI) DP83901A Datasheet HTML 50Page - National Semiconductor (TI) DP83901A Datasheet HTML 51Page - National Semiconductor (TI) DP83901A Datasheet HTML 52Page - National Semiconductor (TI) DP83901A Datasheet HTML 53Page - National Semiconductor (TI) DP83901A Datasheet HTML 54Page - National Semiconductor (TI) DP83901A Datasheet HTML 55Page - National Semiconductor (TI) DP83901A Datasheet HTML 56Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 52 / 62 page
background image
150 Switching Characteristics AC Specs DP83901A Note All Timing is Preliminary (Continued)
DMA Control Bus Arbitration
TLF10469 – 36
Symbol
Parameter
Min
Max
Units
brqhl
Bus Clock to Bus Request High for Local DMA
50
ns
brqhr
Bus Clock to Bus Request High for Remote DMA
45
ns
brql
Bus Request Low from Bus Clock
60
ns
backs
Acknowledge Setup to Bus Clock (Note 1)
2
ns
bccte
Bus Clock to Control Enable
60
ns
bcctr
Bus Clock to Control Release (Notes 2 3)
70
ns
Note 1
BACK must be setup before T1 after BREQ is asserted Missed setup will slip the beginning of the DMA by four bus clocks The Bus Latency will influence
the allowable FIFO threshold and transfer mode (emptyfill vs exact burst transfer)
Note 2
During remote DMA transfers only a single bus transfer is performed During local DMA operations burst mode transfers are performed
Note 3
These limits include the RC delay inherent in our test method These signals typically turn off within 15 ns enabling other devices to drive these lines with
no contention
52



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com