Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 17 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 17 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 13Page - National Semiconductor (TI) DP83901A Datasheet HTML 14Page - National Semiconductor (TI) DP83901A Datasheet HTML 15Page - National Semiconductor (TI) DP83901A Datasheet HTML 16Page - National Semiconductor (TI) DP83901A Datasheet HTML 17Page - National Semiconductor (TI) DP83901A Datasheet HTML 18Page - National Semiconductor (TI) DP83901A Datasheet HTML 19Page - National Semiconductor (TI) DP83901A Datasheet HTML 20Page - National Semiconductor (TI) DP83901A Datasheet HTML 21Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 17 / 62 page
background image
70 Packet Reception (Continued)
REMOVING PACKETS FROM THE RING
Packets are removed from the ring using the Remote DMA
or an external device When using the Remote DMA the
Send Packet command can be used This programs the Re-
mote DMA to automatically remove the received packet
pointed to by the Boundary Pointer At the end of the trans-
fer the SNIC moves the Boundary Pointer freeing addition-
al buffers for reception The Boundary Pointer can also be
moved manually by programming the Boundary Register
STORAGE FORMAT FOR RECEIVED PACKETS
The following diagrams describe the format for how re-
ceived packets are placed into memory by the local DMA
channel These modes are selected in the Data Configura-
tion Register
AD15
AD8 AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 1
Receive Byte Count 0
Byte 2
Byte 1
BOS e 0 WTS e 1 in Data Configuration Register This format is used with
Series 32xxx or 808xx processors
AD15
AD8 AD7
AD0
Next Packet Pointer
Receive Status
Receive Byte Count 0
Receive Byte Count 1
Byte 1
Byte 2
BOS e 1 WTS e 1 in Data Configuration Register This format is used with
680x0 type processors (Note The Receive Count ordering remains the
same for BOS e 0or1 )
Receive Status
Next Packet Pointer
Receive Byte Count 0
Receive Byte Count 1
Byte 0
Byte 1
BOS e 0 WTS e 0 in Data Configuration Register This format is used with
general 8-bit processors
1st Received Packet Removed by Remote DMA
TLF10469 – 14
17



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com