| Electronic Components Datasheet Search |
|
DP83901A Datasheet(PDF) 15 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901A Datasheet(HTML) 15 Page - National Semiconductor (TI) |
|
15 / 62 page ![]() 70 Packet Reception (Continued) Enabling the SNIC On An Active Network After the SNIC has been initialized the procedure for dis- abling and then re-enabling the SNIC on the network is simi- lar to handling Receive Buffer Ring overflow as described previously 1 Program Command Register for page 0 (Command Register e 21H) 2 Initialize Data Configuration Register (DCR) 3 Clear Remote Byte Count Registers (RBCR0 RBCR1) 4 Initialize Receive Configuration Register (RCR) 5 Place the SNIC in LOOPBACK mode 1 or 2 (Transmit Configuration Register e 02H or 04H) 6 Initialize Receive Buffer Ring Boundary Pointer (BNDRY) Page Start (PSTART) and Page Stop (PSTOP) 7 Clear Interrupt Status Register (ISR) by writing 0FFH to it 8 Initialize Interrupt Mask Register (IMR) 9 Program Command Register for page 1 (Command Register e 61H) i) Initialize Physical Address Registers (PAR0 – PAR5) ii) Initialize Multicast Address Registers (MAR0 – MAR7) iii) Initialize CURRent pointer 10) Put SNIC in START mode (Command Register e 22H) The local receive DMA is still not active since the SNIC is in LOOPBACK 11) Initialize the Transmit Configuration for the intended val- ue The SNIC is now ready for transmission and recep- tion END OF PACKET OPERATIONS At the end of the packet the SNIC determines whether the received packet is to be accepted or rejected It either branches to a routine to store the Buffer Header or to anoth- er routine that recovers the buffers used to store the packet SUCCESSFUL RECEPTION If the packet is successfully received the DMA is restored to the first buffer used to store the packet (pointed to by the Current Page Register) The DMA then stores the Receive Status a Pointer to where the next packet will be stored (Buffer 4) and the number of received bytes Note that the remaining bytes in the last buffer are discarded and recep- tion of the next packet begins on the next empty 256-byte buffer boundary The Current Page Register is then initial- ized to the next available buffer in the Buffer Ring (The location of the next buffer had been previously calculated and temporarily stored in an internal scratchpad register) Termination of Received PacketPacket Accepted TLF10469 – 12 15 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |