Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 11 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 11 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 7Page - National Semiconductor (TI) DP83901A Datasheet HTML 8Page - National Semiconductor (TI) DP83901A Datasheet HTML 9Page - National Semiconductor (TI) DP83901A Datasheet HTML 10Page - National Semiconductor (TI) DP83901A Datasheet HTML 11Page - National Semiconductor (TI) DP83901A Datasheet HTML 12Page - National Semiconductor (TI) DP83901A Datasheet HTML 13Page - National Semiconductor (TI) DP83901A Datasheet HTML 14Page - National Semiconductor (TI) DP83901A Datasheet HTML 15Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 62 page
background image
70 Packet Reception (Continued)
INITIALIZATION OF THE BUFFER RING
Two static registers and two working registers control the
operation of the Buffer Ring These are the Page Start Reg-
ister Page Stop Register (both described previously) the
Current Page Register and the Boundary Pointer Register
The Current Page Register points to the first buffer used to
store a packet and is used to restore the DMA for writing
status to the Buffer Ring or for restoring the DMA address in
the event of a Runt packet a CRC or Frame Alignment
error The Boundary Register points to the first packet in the
Ring not yet read by the host If the local DMA address ever
reaches the Boundary reception is aborted The Boundary
Pointer is also used to initialize the Remote DMA for remov-
ing a packet and is advanced when a packet is removed A
simple analogy to remember the function of these registers
is that the Current Page Register acts as a Write Pointer and
the Boundary Pointer acts as a Read Pointer
Note
At initialization the Page Start Register value should be loaded into
both the Current Page Register and the Boundary Pointer Register
Note
The Page Start Register must not be initialized to 00H
BEGINNING OF RECEPTION
When the first packet begins arriving the SNIC begins stor-
ing the packet at the location pointed to by the Current Page
Register An offset of 4 bytes is saved in this first buffer to
allow room for storing receive status corresponding to this
packet
Buffer Ring at Initialization
TLF10469 – 8
Received Packet Enters the Buffer Pages
TLF10469 – 9
11



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com