Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 41 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 41 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 37Page - National Semiconductor (TI) DP83901A Datasheet HTML 38Page - National Semiconductor (TI) DP83901A Datasheet HTML 39Page - National Semiconductor (TI) DP83901A Datasheet HTML 40Page - National Semiconductor (TI) DP83901A Datasheet HTML 41Page - National Semiconductor (TI) DP83901A Datasheet HTML 42Page - National Semiconductor (TI) DP83901A Datasheet HTML 43Page - National Semiconductor (TI) DP83901A Datasheet HTML 44Page - National Semiconductor (TI) DP83901A Datasheet HTML 45Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 41 / 62 page
background image
130 Bus Arbitration and Timing (Continued)
Threshold Detection (Bus Latency)
To assure that no overwriting of data in the FIFO occurs the
FIFO logic flags a FIFO overrun as the 13th byte is written
into the FIFO effectively shortening the FIFO to 13 bytes
The FIFO logic also operates differently in Byte Mode and in
Word Mode In Byte Mode a threshold is indicated when
the na1 byte has entered the FIFO thus with an 8 byte
threshold the SNIC issues Bus Request (BREQ) when the
9th byte has entered the FIFO For Word Mode BREQ is
not generated until the na2 bytes have entered the FIFO
Thus with a 4 word threshold (equivalent to 8 byte thres-
hold) BREQ is issued when the 10th byte has entered the
FIFO The two graphs indicate the maximum allowable bus
latency for Word or Byte transfer modes
The FIFO at the Beginning of Transmit
Before transmitting the SNIC performs a prefetch from
memory to load the FIFO The number of bytes prefetched
is the programmed FIFO threshold The next BREQ is not
issued until after the SNIC actually begins transmitting data
ie
after SFD The Transmit Prefetch diagram illustrates
this process
Transmit Prefetch Timing
TLF10469 – 56
41



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com