Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 18Page - National Semiconductor (TI) DP83901A Datasheet HTML 19Page - National Semiconductor (TI) DP83901A Datasheet HTML 20Page - National Semiconductor (TI) DP83901A Datasheet HTML 21Page - National Semiconductor (TI) DP83901A Datasheet HTML 22Page - National Semiconductor (TI) DP83901A Datasheet HTML 23Page - National Semiconductor (TI) DP83901A Datasheet HTML 24Page - National Semiconductor (TI) DP83901A Datasheet HTML 25Page - National Semiconductor (TI) DP83901A Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 62 page
background image
100 Internal Registers (Continued)
103 REGISTER DESCRIPTIONS
COMMAND REGISTER (CR)
00H (READWRITE)
The Command Register is used to initiate transmissions enable or disable Remote DMA operations and to select register
pages To issue a command the microprocessor sets the corresponding bit(s) (RD2 RD1 RD0 TXP) Further commands may
be overlapped but with the following rules (1) If a transmit command overlaps with a remote DMA operation bits RD0 RD1
and RD2 must be maintained for the remote DMA command when setting the TXP bit Note if a remote DMA command is re-is-
sued when giving the transmit command the DMA will complete immediately if the remote byte count register has not been
reinitialized (2) If a remote DMA operation overlaps a transmission RD0 RD1 and RD2 may be written with the desired values
and a ‘‘0’’ written to the TXP bit Writing a ‘‘0’’ to this bit has no effect (3) A remote write DMA may not overlap remote read
operation or visa versa Either of these operations must either complete or be aborted before the other operation may start Bits
PS1 PS0 RD2 and STP may be set any time
7
6
543
2
1
0
PS1
PS0
RD2
RD1
RD0
TXP
STA
STP
Bit
Symbol
Description
D0
STP
Stop
Software reset command takes the controller offline no packets will be received or transmitted Any
reception or transmission in progress will continue to completion before entering the reset state To exit this
state the STP bit must be reset and the STA bit must be set high To perform a software reset this bit
should be set high The software reset has executed only when indicated by the RST bit in the ISR being set
to 1 STP powers up high
Note
If the SNIC has previously been in start mode and the STP is set both the STP and STA bits will remain set
D1
STA
Start
This bit is used to activate the SNIC after either power up or when the SNIC has been placed in a
reset mode by software command or error STA powers up low
D2
TXP
Transmit Packet
This bit must be set to initiate transmission of a packet TXP is internally reset either after
the transmission is completed or aborted This bit should be set only after the Transmit Byte Count and
Transmit Page Start registers have been programmed
D3
RD0
Remote DMA Command
These three encoded bits control operation of the Remote DMA channel RD2
can be set to abort any Remote DMA command in progress The Remote Byte Count Registers should be
D4
RD1
cleared when a Remote DMA has been aborted The Remote Start Addresses are not restored to the
and
and
starting address if the Remote DMA is aborted
D5
RD2
RD2
RD1
RD0
0
0
0
Not Allowed
0
0
1
Remote Read
0
1
0
Remote Write (Note 2)
0
1
1
Send Packet
1
X
X
AbortComplete Remote DMA (Note 1)
Note 1
If a remote DMA operation is aborted and the remote byte count has not decremented to zero PRQ will remain high A read
acknowledge (RACK) on a write acknowledge (WACK) will reset PRQ low
Note 2
For proper operation of the Remote Write DMA there are two steps which must be performed before using the Remote Write
DMA The steps are as follows
I) Write a non-zero value into RBCR0
II) Set bits RD2 RD1 and RD0 to 0 0 and 1
III) Issue the Remote Write DMA Command (RD2 RD1 RD0 e 0 1 0)
D6
PS0
Page Select
These two encoded bits select which register page is to be accessed with addresses RA0 – 3
and
and
PS1
PS0
D7
PS1
0
0
Register Page 0
0
1
Register Page 1
1
0
Register Page 2
1
1
Reserved
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com