Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP83901A Datasheet HTML 8Page - National Semiconductor (TI) DP83901A Datasheet HTML 9Page - National Semiconductor (TI) DP83901A Datasheet HTML 10Page - National Semiconductor (TI) DP83901A Datasheet HTML 11Page - National Semiconductor (TI) DP83901A Datasheet HTML 12Page - National Semiconductor (TI) DP83901A Datasheet HTML 13Page - National Semiconductor (TI) DP83901A Datasheet HTML 14Page - National Semiconductor (TI) DP83901A Datasheet HTML 15Page - National Semiconductor (TI) DP83901A Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 62 page
background image
70 Packet Reception (Continued)
LINKING RECEIVE BUFFER PAGES
If the length of the packet exhausts the first 256-byte buffer
the DMA performs a forward link to the next buffer to store
the remainder of the packet For a maximal length packet
the buffer logic will link six buffers to store the entire packet
Buffers cannot be skipped when linking a packet will always
be stored in contiguous buffers Before the next buffer can
be linked the Buffer Management Logic performs two com-
parisons The first comparison tests for equality between
the DMA address of the next buffer and the contents of the
Page Stop Register If the buffer address equals the Page
Stop Register the buffer management logic will restore the
DMA to the first buffer in the Receive Buffer Ring value
programmed in the Page Start Address Register The sec-
ond comparison tests for equality between the DMA ad-
dress of the next buffer address and the contents of the
Boundary Pointer Register If the two values are equal the
reception is aborted The Boundary Pointer Register can be
used to protect against overwriting any area in the receive
buffer ring that has not yet been read When linking buffers
buffer management will never cross this pointer effectively
avoiding any overwrites If the buffer address does not
match either the Boundary Pointer or Page Stop Address
the link to the next buffer is performed
Linking Buffers
Before the DMA can enter the next contiguous 256-byte
buffer the address is checked for equality to PSTOP and to
the Boundary Pointer If neither are reached the DMA is
allowed to use the next buffer
Linking Receive Buffer Pages
TLF10469 – 10
1) Check for e to PSTOP
2) Check for e to Boundary
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com