| Electronic Components Datasheet Search |
|
DP83901A Datasheet(PDF) 43 Page - National Semiconductor (TI) |
|
|
|
|||||||||||||||||||||||||||||
DP83901A Datasheet(HTML) 43 Page - National Semiconductor (TI) |
|
43 / 62 page ![]() 130 Bus Arbitration and Timing (Continued) REMOTE WRITE TIMING A Remote Write operation transfers data from the IO port to the local buffer RAM The SNIC initiates a transfer by requesting a byteword via the PRQ The system transfers a byte-word to the latch via IOW this write strobe is detected by the SNIC and PRQ is removed By removing the PRQ the Remote DMA holds off further transfers into the latch until the current byteword has been transferred from the latch PRQ is reasserted and the next transfer can begin 1 SNIC asserts PRQ System writes byteword into latch SNIC removes PRQ 2 Remote DMA reads contents of port and writes byte word to local buffer memory increments address and decrements byte count (RBCR0 1) 3 Go back to step 1 Steps 1 – 3 are repeated until the remote DMA is com- plete TLF10469 – 29 REMOTE DMA WRITE Setting PRQ Using the Remote Read Under certain conditions the SNIC’s bus state machine may issue MWR and PRD before PRQ for the first DMA transfer of a Remote Write Command If this occurs this could cause data corruption or cause the remote DMA count to be dif- ferent from the main CPU count causing the system to ‘‘lock up’’ To prevent this condition when implementing a Remote DMA Write the Remote DMA Write command should first be preceded by a Remote DMA Read command to insure that the PRQ signal is asserted before the SNIC starts its port read cycle The reason for this is that the state machine that asserts PRQ runs independently of the state machine that controls the DMA signals The DMA machine assumes that PRQ is asserted but actually may not be To remedy this situation a single Remote Read cycle should be insert- ed before the actual DMA Write Command is given This will ensure that PRQ is asserted when the Remote DMA Write is subsequently executed This single Remote Read cycle is called a ‘‘dummy Remote Read’’ In order for the dummy Remote Read cycle to operate correctly the Start Address should be programmed to a known safe location in the buffer memory space and the Remote Byte Count should be programmed to a value greater than 1 This will ensure that the master read cycle is performed safely elimi- nating the possibility of data corruption Remote Write with High Speed Buses When implementing the Remote DMA Write solution with high speed buses and CPU’s timing problems may cause the system to hang Therefore additional considerations are required The problem occurs when the system can execute the dum- my Remote Read and then start the Remote Write before the SNIC has had a chance to execute the Remote Read If this happens the PRQ signal will not get set and the Re- mote Byte Count and Remote Start Address for the Remote 43 |
|
Link URL |
| Does ALLDATASHEET help your business so far? [ DONATE ] |
About Alldatasheet | Advertisement | Contact us | Privacy Policy | Link to Datasheet | Link Exchange | Manufacturer List All Rights Reserved©Alldatasheet.com |
| Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
|
Family Site : ic2ic.com |
icmetro.com |