Electronic Components Datasheet Search
  English  ▼

X  

DP83901A Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP83901A
Description  Serial Network Interface Controller
PDF  62 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP83901A Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP83901A Datasheet HTML 1Page - National Semiconductor (TI) DP83901A Datasheet HTML 2Page - National Semiconductor (TI) DP83901A Datasheet HTML 3Page - National Semiconductor (TI) DP83901A Datasheet HTML 4Page - National Semiconductor (TI) DP83901A Datasheet HTML 5Page - National Semiconductor (TI) DP83901A Datasheet HTML 6Page - National Semiconductor (TI) DP83901A Datasheet HTML 7Page - National Semiconductor (TI) DP83901A Datasheet HTML 8Page - National Semiconductor (TI) DP83901A Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 62 page
background image
Pin Description (Continued)
Pin No
Pin Name
IO
Description
BUS INTERFACE PINS
(Continued)
39
PRQADS1
O Z
PORT REQUESTADDRESS STROBE 1
 32-BIT MODE If LAS is set in the Data Configuration Register this line is programmed
as ADS1 It is used to strobe addresses A16 – A31 into external latches (A16 – A31 are the
fixed addresses stored in RSAR0 RSAR1) ADS1 will remain at TRI-STATE until BACK is
received
 16-BIT MODE If LAS is not set in the Data Configuration Register this line is programmed as
PRQ and is used for Remote DMA Transfers The SNIC initiates a single remote DMA read or
write operation by asserting this pin In this mode PRQ will be a standard logic output
Note
This line will power up as TRI-STATE until the Data Configuration Register is programmed
40
BACK
I
BUS ACKNOWLEDGE
Bus Acknowledge is an active high signal indicating that the CPU has
granted the bus to the SNIC If immediate bus access is desired BREQ should be tied to BACK
Tying BACK to VCC will result in a deadlock
41
BREQ
O
BUS REQUEST
Bus Request is an active high signal used to request the bus for DMA transfers
This signal is automatically generated when the FIFO needs servicing
65
RESET
I
RESET
Reset is active low and places the SNIC in a reset immediately no packets are
transmitted or received by the SNIC until STA bit is set Affects Command Register Interrupt
Mask Register Data Configuration Register and Transmit Configuration Register The SNIC will
execute reset within 10 BSCK cycles and TXC cycles
67
INT
O
INTERRUPT
Indicates that the SNIC requires CPU attention after reception transmission or
completion of DMA transfers The interrupt is cleared by writing to the ISR (Interrupt Service
Register) All interrupts are maskable
68
WACK
I
WRITE ACKNOWLEDGE
Issued from system to SNIC to indicate that data has been written to
the external latch The SNIC will begin a write cycle to place the data in local memory
NETWORK INTERFACE PINS
42
TXb
O
TRANSMIT OUTPUT
Differential driver which sends the encoded data to the transceiver The
outputs are source followers which require 270X pulldown resistors
43
TXa
46
TEST
I
FACTORY TEST INPUT
Used to check the chip’s internal functions Tied low during normal
operation
47
SEL
I
MODE SELECT
When high Transmita and Transmitb are the same voltage in the idle state
When low Transmita is positive with respect to Transmitb in the idle state at the transformer’s
primary
50
X1
I
EXTERNAL OSCILLATOR INPUT
51
GNDX2
O
GROUNDX2
This in should normally be connected to ground It is possible to use a crystal
oscillator using X1 and GNDX2 if certain precautions are taken Contact National
Semiconductor for more information
56
SNISEL
I
FACTORY TEST INPUT
For normal operation tied to VCC When low enables the ENDEC
module to be tested independently of the SNIC module
60
RXb
I
RECEIVE INPUT
Differential receive input pair from the transceiver
61
RXa
62
CDb
I
COLLISION INPUT
Differential collision pair input from the transceiver
63
CDa
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com