Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 179 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 179 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 175Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 183Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 179 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
179
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
8
FLL_LOCK_DB
0
FLL Lock de-bounce
0 = disabled
1 = enabled
7
GPI8_DB
0
GPI8 input de-bounce
0 = disabled
1 = enabled
3
GPI7_DB
0
GPI7 input de-bounce
0 = disabled
1 = enabled
0
GPIO1_DB
0
GPIO1 input de-bounce
0 = disabled
1 = enabled
Register 14h IRQ_DEBOUNCE
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R21 (15h)
Input Mixer1
6
INPUTS_CLAM
P
0
Input pad VMID clamp
0 = Clamp de-activated
1 = Clamp activated
Register 15h Input Mixer1
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R22 (16h)
GPIOCTRL
2
13
IM_JD2_EINT
0
MICBIAS2 Current Detect interrupt mask
0 = do not mask interrupt
1 = mask interrupt
12
IM_JD2_SC_EI
NT
0
MICBIAS2 Short Circuit interrupt mask
0 = do not mask interrupt
1 = mask interrupt
11
IM_TEMPOK_
EINT
0
Temp OK interrupt mask
0 = do not mask interrupt
1 = mask interrupt
10
IM_JD1_SC_EI
NT
0
MICBIAS1 Short Circuit interrupt mask
0 = do not mask interrupt
1 = mask interrupt
9
IM_JD1_EINT
0
MICBIAS1 Current Detect interrupt mask
0 = do not mask interrupt
1 = mask interrupt
8
IM_FLL_LOCK
_EINT
0
FLL Lock interrupt mask
0 = do not mask interrupt
1 = mask interrupt
6
IM_GPI8_EINT
0
GPI8 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
5
IM_GPIO1_EIN
T
0
GPIO1 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
4
GPI8_ENA
0
GPI8 input enable
0 = disabled
1 = enabled



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com