Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 183 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 183 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 187Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 183 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
183
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R29 (1Dh)
Right Output
Volume
8
HPOUT1_VU
0
Headphone Output PGA Volume Update
Writing a 1 to this bit will update HPOUT1LVOL and
HPOUT1RVOL volumes simultaneously.
7
HPOUT1R_ZC
0
HPOUT1RVOL (Right Headphone Output PGA) Zero
Cross Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
HPOUT1R_MU
TE_N
1
HPOUT1RVOL (Right Headphone Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
HPOUT1R_VO
L [5:0]
10_1101
HPOUT1RVOL (Right Headphone Output PGA)
Volume
00 0000 = -57dB
00 0001 = -56dB
...
11 1110 = +5dB
11 1111 = +6dB
Register 1Dh Right Output Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R30 (1Eh)
Line Outputs
Volume
6
LINEOUT1N_M
UTE
1
LINEOUT1N Line Output Mute
0 = Un-mute
1 = Mute
5
LINEOUT1P_M
UTE
1
LINEOUT1P Line Output Mute
0 = Un-mute
1 = Mute
4
LINEOUT1_VO
L
0
LINEOUT1 Line Output Volume
0 = 0dB
1 = -6dB
Applies to both LINEOUT1N and LINEOUT1P
2
LINEOUT2N_M
UTE
1
LINEOUT2N Line Output Mute
0 = Un-mute
1 = Mute
1
LINEOUT2P_M
UTE
1
LINEOUT2P Line Output Mute
0 = Un-mute
1 = Mute
0
LINEOUT2_VO
L
0
LINEOUT2 Line Output Volume
0 = 0dB
1 = -6dB
Applies to both LINEOUT2N and LINEOUT2P
Register 1Eh Line Outputs Volume
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R31 (1Fh)
HPOUT2
Volume
5
HPOUT2_MUT
E
1
HPOUT2 (Earpiece Driver) Mute
0 = Un-mute
1 = Mute
4
HPOUT2_VOL
0
HPOUT2 (Earpiece Driver) Volume
0 = 0dB
1 = -6dB
Register 1Fh HPOUT2 Volume



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com