Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 186 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 186 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 189Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 190Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 186 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
186
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
SPKOUTR
0 = Mute
1 = Un-mute
0
SPKMIXR_TO_
SPKOUTR
1
SPKMIXR Right Speaker Mixer to Right Speaker Mute
0 = Mute
1 = Un-mute
Register 24h SPKOUT Mixers
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R37 (25h)
ClassD3
5:3
SPKOUTL_BO
OST [2:0]
000
Left Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
2:0
SPKOUTR_BO
OST [2:0]
000
Right Speaker Gain Boost
000 = 1.00x boost (+0dB)
001 = 1.19x boost (+1.5dB)
010 = 1.41x boost (+3.0dB)
011 = 1.68x boost (+4.5dB)
100 = 2.00x boost (+6.0dB)
101 = 2.37x boost (+7.5dB)
110 = 2.81x boost (+9.0dB)
111 = 3.98x boost (+12.0dB)
Register 25h ClassD3
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R38 (26h)
Speaker
Volume Left
8
SPKOUT_VU
0
Speaker Output PGA Volume Update
Writing a 1 to this bit will update SPKLVOL and
SPKRVOL volumes simultaneously.
7
SPKOUTL_ZC
0
SPKLVOL (Left Speaker Output PGA) Zero Cross
Enable
0 = Zero cross disabled
1 = Zero cross enabled
6
SPKOUTL_MU
TE_N
1
SPKLVOL (Left Speaker Output PGA) Mute
0 = Mute
1 = Un-mute
5:0
SPKOUTL_VO
L [5:0]
11_1001
SPKLVOL (Left Speaker Output PGA) Volume
00 0000 = -57dB
00 0001 = -56dB
...
11 1110 = +5dB
11 1111 = +6dB
Register 26h Speaker Volume Left



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com