Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 185 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 185 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 184Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 185Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 186Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 187Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 188Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 189Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 185 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
185
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
L_VOL
0 = 0dB
1 = -3dB
1:0
SPKMIXL_VOL
[1:0]
11
Left Speaker Mixer Volume Control
00 = 0dB
01 = -6dB
10 = -12dB
11 = mute
Register 22h SPKMIXL Attenuation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R35 (23h)
SPKMIXR
Attenuation
8
SPKOUT_CLA
SSAB_MODE
0
Speaker Class AB Mode Enable
0 = Class D mode
1 = Class AB mode
5
MIXINR_SPKM
IXR_VOL
0
MIXINR (Right ADC bypass) to SPKMIXR Fine Volume
Control
0 = 0dB
1 = -3dB
4
IN1RP_SPKMI
XR_VOL
0
IN1RP to SPKMIXR Fine Volume Control
0 = 0dB
1 = -3dB
3
MIXOUTR_SP
KMIXR_VOL
0
Right Mixer Output to SPKMIXR Fine Volume Control
0 = 0dB
1 = -3dB
2
DACR_SPKMI
XR_VOL
0
Right DAC to SPKMIXR Fine Volume Control
0 = 0dB
1 = -3dB
1:0
SPKMIXR_VO
L [1:0]
11
Right Speaker Mixer Volume Control
00 = 0dB
01 = -6dB
10 = -12dB
11 = mute
Register 23h SPKMIXR Attenuation
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R36 (24h)
SPKOUT
Mixers
5
IN2LP_TO_SP
KOUTL
0
Direct Voice (Differential Input, VRXN/VRXP) to Left
Speaker Mute
0 = Mute
1 = Un-mute
4
SPKMIXL_TO_
SPKOUTL
1
SPKMIXL Left Speaker Mixer to Left Speaker Mute
0 = Mute
1 = Un-mute
3
SPKMIXR_TO_
SPKOUTL
0
SPKMIXR Right Speaker Mixer to Left Speaker Mute
0 = Mute
1 = Un-mute
2
IN2LP_TO_SP
KOUTR
0
Direct Voice (Differential Input, VRXN/VRXP) to Right
Speaker Mute
0 = Mute
1 = Un-mute
1
SPKMIXL_TO_
0
SPKMIXL Left Speaker Mixer to Right Speaker Mute



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com