Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 180 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 180 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 176Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 177Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 178Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 179Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 180Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 181Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 182Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 183Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 184Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 180 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
180
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
2
IM_GPI7_EINT
0
GPI7 interrupt mask
0 = do not mask interrupt
1 = mask interrupt
1
IM_WSEQ_EIN
T
0
Write Sequencer interrupt mask
0 = do not mask interrupt
1 = mask interrupt
0
GPI7_ENA
0
GPI7 input enable
0 = disabled
1 = enabled
Register 16h GPIOCTRL 2
REGISTER
ADDRESS
BIT
LABEL
DEFAULT
DESCRIPTION
R23 (17h)
GPIO_POL
15
JD2_SC_POL
0
MICBIAS2 Short Circuit interrupt polarity
0 = active high
1 = active low
14
JD2_POL
0
MICBIAS2 Current Detect interrupt polarity
0 = active high
1 = active low
13
WSEQ_POL
0
Write Sequencer interrupt polarity
0 = active high (interrupt is triggered when WSEQ is
busy)
1 = active low (interrupt is triggered when WSEQ is
idle)
12
IRQ_POL
0
Interrupt status (IRQ) polarity
0 = active high
1 = active low
11
TEMPOK_POL
1
Temp OK interrupt polarity
0 = active high (interrupt is triggered when temperature
is normal)
1 = active low (interrupt is triggered when over-
temperature)
10
JD1_SC_POL
0
MICBIAS1 Short Circuit interrupt polarity
0 = active high
1 = active low
9
JD1_POL
0
MICBIAS1 Current Detect interrupt polarity
0 = active high
1 = active low
8
FLL_LOCK_PO
L
0
FLL Lock interrupt polarity
0 = active high (interrupt is triggered when FLL Lock is
reached)
1 = active low (interrupt is triggered when FLL is not
locked)
7
GPI8_POL
0
GPI8 interrupt polarity
0 = active high
1 = active low
6
GPI7_POL
0
GPI7 interrupt polarity
0 = active high
1 = active low
0
GPIO1_POL
0
GPIO1 interrupt polarity
0 = active high
1 = active low
Register 17h GPIO_POL



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com