Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 219 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 219 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 215Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 223Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 219 / 229 page
background image
Production Data
WM8993
w
PD, November 2010, Rev 4.0
219
10101
+15.0
11.9
6.5
10110
+16.5
10.3
5.6
10111
+18.0
8.9
4.8
11000
+19.5
7.7
4.1
11001
+21.0
6.6
3.5
11010
+22.5
5.6
2.9
11011
+24.0
4.8
2.5
11100
+25.5
4.1
2.1
11101
+27.0
3.5
1.8
11110
+28.5
2.9
1.5
11111
+30.0
2.5
1.3
Table 114 PGA Input Pin Resistance
The appropriate input capacitor may be selected using the PGA input resistance data provided in
Table 114, depending on the required PGA gain setting(s).
The choice of capacitor for a 20Hz cut-off frequency is shown in Table 115 for a selection of typical
input impedance conditions.
INPUT IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
2k
Ω
4
μF
15k
Ω
0.5
μF
30k
Ω
0.27
μF
60k
Ω
0.13
μF
Table 115 Audio Input DC Blocking Capacitors
Using the figures in Table 115, it follows that a 1
μF capacitance for all input connections will give
good results in most cases. Tantalum electrolytic capacitors are particularly suitable as they offer
high stability in a small package size.
Ceramic equivalents are a cost effective alternative to the superior tantalum packages, but care must
be taken to ensure the desired capacitance is maintained at the AVDD1 operating voltage. Also,
ceramic capacitors may show microphonic effects, where vibrations and mechanical conditions give
rise to electrical signals. This is particularly problematic for microphone input paths where a large
signal gain is required.
A single capacitor is required for a line input or single-ended microphone connection. In the case of a
differential microphone connection, a DC blocking capacitor is required on both input pins.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com