Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 222 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 222 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 226Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 222 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
222
CHARGE PUMP COMPONENTS
A fly-back capacitor is required between the CPCA and CPCB pins. The required capacitance is
2.2μF at 2V.
A decoupling capacitor is required on CPVOUTP and CPVOUTN; the recommended value is 2.2μF
at 2V.
The positioning of the Charge Pump capacitors is important, particularly the fly-back capacitor.
These capacitors should be placed as close as possible to the WM8994.
Due to the wide tolerance of many types of ceramic capacitors, care must be taken to ensure that the
selected components provide the required capacitance across the required temperature and voltage
ranges in the intended application. For most application the use of ceramic capacitors with capacitor
dielectric X5R is recommended.
MICROPHONE BIAS CIRCUIT
The WM8993 is designed to interface easily with up to four microphones. These may be connected
in single-ended or differential configurations. The single-ended method allows greater capability for
the connection of multiple audio sources simultaneously, whilst the differential method provides
better performance due to its rejection of common-mode noise.
In either configuration, the microphone requires a bias current (electret condenser microphones) or
voltage supply (silicon microphones), which can be provided by MICBIAS1 or MICBIAS2. These are
generated by identical output-compensated amplifiers, which require an external capacitor in order to
guarantee accuracy and stability. The recommended capacitance is 4.7
μF, although it may be
possible to reduce this to 1
μF if the analogue supply (AVDD1) is not too noisy. A ceramic type is a
suitable choice here, providing that care is taken to choose a component that exhibits this
capacitance at the intended MICBIAS voltage.
Note that the MICBIAS voltage may be adjusted using register control to suit the requirements of the
microphone. Also note the WM8993 supports a maximum current of 2.4mA per MICBIAS pin. If more
than one microphone is connected to a single MICBIAS pin, the combined current of these must not
exceed 2.4mA.
A current-limiting resistor is also required when using an electret condenser microphone (ECM). The
resistance should be chosen according to the minimum operating impedance of the microphone and
MICBIAS voltage so that the maximum bias current of the WM8993 is not exceeded. Wolfson
recommends a 2.2k
Ω current limiting resistor as it provides compatibility with a wide range of
microphone models.
Figure 87 illustrates the recommended single-ended and differential microphone connections for the
WM8993.
MIC
To
input
mixers
PGA
Line Input
VMID
IN1LN,
IN2LN,
IN1RN,
IN2RN
IN1LP,
IN2LP,
IN1RP,
IN2RP
MICBIAS1/2
C
2k2
C
4.7uF
AGND
Figure 87 Single-Ended and Differential Microphone Connections



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com