Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 224 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 224 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 224Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 225Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 226Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 227Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 228Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 224 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
224
A simple equivalent circuit of a loudspeaker consists of a serially connected resistor and inductor, as
shown in Figure 90. This circuit provides a low pass filter for the speaker output. If the loudspeaker
characteristics are suitable, then the loudspeaker itself can be used in place of the filter components
described earlier. This is known as ‘filterless’ operation.
Figure 90 Speaker Equivalent Circuit for Filterless Operation
For filterless Class D operation, it is important to ensure that a speaker with suitable inductance is
chosen. For example, if we know the speaker impedance is 8Ω and the desired cut-off frequency is
20kHz, then the optimum speaker inductance may be calculated as:
8
Ω loudspeakers typically have an inductance in the range 20μH to 100μH, however, it should be
noted that a loudspeaker inductance will not be constant across the relevant frequencies for Class D
operation (up to and beyond the Class D switching frequency). Care should be taken to ensure that
the cut-off frequency of the loudspeaker’s filtering is low enough to suppress the high frequency
energy of the Class D switching and, in so doing, to prevent speaker damage. The Class D outputs
of the WM8993 operate at much higher frequencies than is recommended for most speakers and it
must be ensured that the cut-off frequency is low enough to protect the speaker.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com