Electronic Components Datasheet Search
  English  ▼

X  

WM8993 Datasheet(PDF) 220 Page - Wolfson Microelectronics plc

Part # WM8993
Description  Audio Hub CODEC for Multimedia Phones
PDF  229 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  WOLFSON [Wolfson Microelectronics plc]
Direct Link  http://www.wolfsonmicro.com
Logo WOLFSON - Wolfson Microelectronics plc

WM8993 Datasheet(HTML) 220 Page - Wolfson Microelectronics plc

Back Button WM8993 Datasheet HTML 216Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 217Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 218Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 219Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 220Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 221Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 222Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 223Page - Wolfson Microelectronics plc WM8993 Datasheet HTML 224Page - Wolfson Microelectronics plc Next Button
Zoom Inzoom in Zoom Outzoom out
 220 / 229 page
background image
WM8993
Production Data
w
PD, November 2010, Rev 4.0
220
HEADPHONE OUTPUT PATH
The headphone output on WM8993 is ground referenced and therefore does not require the large,
expensive capacitors necessary for VMID reference solutions. For best audio performance, it is
recommended to connect a zobel network to the audio output pins. This network should comprise of
a 100nF capacitor and 20ohm resistor in series with each other (see “Analogue Outputs” section).
These components have the effect of dampening high frequency oscillations or instabilities that can
arise outside the audio band under certain conditions. Possible sources of these instabilities include
the inductive load of a headphone coil or an active load in the form of an external line amplifier.
EARPIECE DRIVER OUTPUT PATH
The earpiece driver on HPOUT2P and HPOUTN is designed as a 32ohm BTL speaker driver. The
outputs are referenced to the internal DC reference VMID, but direct connection to the speaker is
possible because of the BTL configuration. There is no requirement for DC blocking capacitors.
LINE OUTPUT PATHS
The WM8993 provides four line outputs (LINEOUT1P, LINEOUT1N, LINEOUT2P and LINEOUT2N).
Each of these outputs is referenced to the internal DC reference, VMID. In any the case where a line
output is used in a single-ended configuration (i.e. referenced to AGND), a DC blocking capacitor will
be required in order to remove the DC bias. In the case where a pair of line outputs is configured as
a BTL differential pair, then the DC blocking capacitor should be omitted.
The choice of capacitor is determined from the filter that is formed between the capacitor and the
load impedance – see Figure 86.
Figure 86 Line Output Path Components
LOAD IMPEDANCE
MINIMUM CAPACITANCE
FOR 20HZ PASS BAND
10k
Ω
0.8
μF
47k
Ω
0.17
μF
Table 116 Line Output Frequency Cut-Off
Using the figures in Table 116, it follows that that a 1
μF capacitance would be a suitable choice for a
line load. Tantalum electrolytic capacitors are again particularly suitable but ceramic equivalents are
a cost effective alternative. Care must be taken to ensure the desired capacitance is maintained at
the appropriate operating voltage.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69 70 71 72 73 74 75 76 77 78 79 80 81 82 83 84 85 86 87 88 89 90 91 92 93 94 95 96 97 98 99 100  ...More


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com