Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 24 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 24 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 20Page - National Semiconductor (TI) DP84910 Datasheet HTML 21Page - National Semiconductor (TI) DP84910 Datasheet HTML 22Page - National Semiconductor (TI) DP84910 Datasheet HTML 23Page - National Semiconductor (TI) DP84910 Datasheet HTML 24Page - National Semiconductor (TI) DP84910 Datasheet HTML 25Page - National Semiconductor (TI) DP84910 Datasheet HTML 26Page - National Semiconductor (TI) DP84910 Datasheet HTML 27Page - National Semiconductor (TI) DP84910 Datasheet HTML 28Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 24 / 32 page
background image
Pulse Detector Description (Continued)
The differentiator extracts the timing information from the
peaks of the disk signal The timing of the peaks is pre-
served in the zero-crossing of the signal at the differentiator
output A zero-cross detector is used in conjunction with the
qualification channel to provide noise free encoded data
pulses to the data synchronizer Fully differential circuits are
used throughout the pulse detector to minimize pulse pair-
ing
In order to not interpret noise on the baseline as input data
a hysteresis comparator is used for qualifying the channel
input signal Two pins set the hysteresis level by the appli-
cation of an external voltage One pin sets the hysteresis
level in a data field (SETHYSD) and the other pin sets the
hysteresis level in a servo field (SETHYSS) The SFIELD pin
controls the selection between these pins A resistive divid-
er between supply and ground is typically used to provide
these voltages A switched supply output pin (SVCC) is
available to be used as the supply reference for these divid-
ers The SETHYSD voltage is adjustable in eight steps via
bits in the control register (HYS
VTH0
HYS
VTH1
HYS
VTH2 Bank (11) bits 7 8 9) (see Table IIb)
TABLE IIb Hysteresis Threshold Control
Ctrl Reg Bits
% Qual
HYS
VTH2
HYS
VTH1
HYS
VTH0
111
29
1
1
0
335
101
38
1
0
0
425
011
47
0
1
0
515
001
56
0
0
0
605
SETHYSD e 450 mV
Two bits in the control register (ERD0 ERD1 Bank (11)
bits 2 3) direct the output of the pulse detector to either the
input of the data synchronizer section the ERDOUT pin or
both (see Table III) A test mode is entered when both of
these control register bits are at a logical high level In this
mode the GCA is put into a fixed gain mode the VCOs are
stopped the CRD input is redirected to act as a clock
source for the synchronizer and the CRC pin as a clock
source for the synthesizer
TABLE III SYNCHPD IO Pin Control
Ctrl Reg
Pins Enabled
Mode
Test
Bank (11)
ERD1
ERD0
ERDOUT
ERDIN
0
0
NO
NO
OFF
0
1
YES
NO
OFF
1
0
YES
YES
OFF
1
1
YES
YES
ON
Internal pulse detector feed through to synchronizer is disabled ERDIN is
input to the synchronizer
The pulse detector output pulse width is internally fixed to
approximately 15 ns independent of data rate
Four gated peak detectors are used to detect quadrature
embedded servo bursts When gated on the peak detector
charges an external capacitor to a DC level proportional to
the amplitude of the servo burst The output voltage range
of these detectors is large enough for 7 bits of resolution
The gating and discharge of the servo capacitors are con-
trolled by five TTL level logic pins (S1 S2 S3 S4 and
HOLD) as described by Table IV The servo channel is de-
signed for very low servo offsets and good gain linearity
Two servo difference amplifiers (DIFFAMP1 DIFFAMP2)
have been added to the DP84910 which were not present in
previous NSC integrated read channel circuits The first dif-
ference amplifier (DIFFAMP1) takes the difference between
servo channel 1 (SCAP1) and channel 2 (SCAP2) The sec-
ond difference amplifier (DIFFAMP2) takes the difference
between servo channel 3 (SCAP3) and channel 4 (SCAP4)
These differences are centered around an externally sup-
plied reference voltage at the VDIFF pin This reference
voltage is typically set at one half the supply voltage
Two modes of servo operation are now available track fol-
low and seek modes The control or selection of these
modes are with the servo switches (S1 through S4) and
HOLD pins (see Table IV) The difference between these
modes is the amount of charging time the servo peak detec-
tor needs to reach its final value with the same input condi-
tions The track follow mode has a slower charge time than
the seek mode With a slower charge time the peak detec-
tors will be less sensitive to noise on the servo signal Previ-
ous NSC integrated read channel devices only provided the
track follow mode
An output internal signals mode can be entered by applying
a logical high level to the S2 pin and a logical low level to
the HOLD pin In this mode certain selected internal signals
of the pulse detector are routed to the four servo output pins
(SCAP1 – SCAP4) as observation points These signals in-
clude the fully differential analog output of the differentiator
(SCAP1 and SCAP2 pins) the output of the zero-cross de-
tector at the differentiator output (SCAP3 pin) and the de-
layed qualification signal (SCAP4 pin) This mode is useful
for the system designer while optimizing the implementation
of the pulse detector This mode would not normally be se-
lected in a production drive as it precludes the operation of
these pins for embedded servo use
http
www nationalcom
24



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com