Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 1 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 1 Page - National Semiconductor (TI)

  DP84910 Datasheet HTML 1Page - National Semiconductor (TI) DP84910 Datasheet HTML 2Page - National Semiconductor (TI) DP84910 Datasheet HTML 3Page - National Semiconductor (TI) DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 32 page
background image
TLF11777
October 1994
DP84910 (-36-50)
Integrated Read Channel
General Description
The DP84910 integrates most functions of the hard disk
read channel electronics onto a single 5V chip It incorpo-
rates a pulseservo detector a programmable integrated
channel filter a data synchronizer a frequency synthesizer
and a serial port interface The chip receives data from a
read preamplifier filters and peak detects the read pulses
for both data and embedded servo information and resyn-
chronizes the data with the system clock
The DP84910 is available in two versions DP84910VHG-36
and DP84910VHG-50 The DP84910VHG-36 is specified to
operate over a data rate range of 75 Mbitssec to
36 Mbitssec The other version DP84910VHG-50 will op-
erate over a data rate range of 137 Mbitssec to 50 Mbits
sec
This device is specifically designed to address zoned data
rate applications A channel filter with control register se-
lectable cutoff frequency and equalization is provided on-
chip This eliminates the need for multiple external channel
filters and allows for greater flexibility in the selection of
zone frequencies The frequency synthesizer provides cen-
ter frequency information for the data synchronizer and a
variable frequency write clock There is no need for any off-
chip frequency setting components or DACs
A four-bank control register is included to control zoning
operations and configure general chip functions At VCC
power-up the chip self-configures by presetting all bits in the
control register to predetermined operating setup condi-
tions
Independent power down control for all of the major blocks
within the chip is provided via three bits in the control
register
(SYNC
PWR
DN
STH
PWR
DN
and
PD
PWR
DN) to manage power consumption In addi-
tion two pins (SLEEP and IDLESERVO) are available to
control power management The sleep mode pin (SLEEP)
powers down all circuitry on the chip including the control
register In this mode the maximum power supply current is
2 mA the control register data must be reentered when
exiting this mode The idleservo mode pin (IDLESERVO)
toggles the device between the idle and servo modes In the
idle mode only the control register and pulse detector bias-
ing circuitry necessary for a quick recovery are active In the
servo mode the pulse detector portions needed for servo
detection are active as well as the control register Less
than 15 ms is required for the pulse detector to recover from
the idle condition The control register data is not lost when
this pin is toggled The pin can be rapidly toggled (k15 ms)
to achieve average power consumption savings and will
keep the readwrite head on track Seventeen power and
ground pins are provided to isolate major functional blocks
and allow for independent supply voltage filtering thus en-
hancing noise immunity
(Continued)
TLF11777 – 1
FIGURE 1 DP84910 in a Typical Disk Drive System
MICROWIRETM is a trademark of National Semiconductor Corporation
C1996 National Semiconductor Corporation
RRD-B30M116Printed in U S A
http
www nationalcom


Similar Part No. - DP84910

ManufacturerPart #DatasheetDescription
logo
Texas Instruments
DP84910 TI1-DP84910 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910-36 TI1-DP84910-36 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910-50 TI1-DP84910-50 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910VHG-36 TI1-DP84910VHG-36 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
DP84910VHG-50 TI1-DP84910VHG-50 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
More results

Similar Description - DP84910

ManufacturerPart #DatasheetDescription
logo
NTE Electronics
NTE3470 NTE-NTE3470 Datasheet
27Kb / 4P
Integrated Circuit Floppy Disk Read Amplifier System
logo
STMicroelectronics
L6000 STMICROELECTRONICS-L6000 Datasheet
279Kb / 24P
SINGLE CHIP READ & WRITE CHANNEL
Aug-1993
L6363 STMICROELECTRONICS-L6363 Datasheet
86Kb / 4P
PRML READ/WRITE CHANNEL
Jun-2001
logo
ATMEL Corporation
AT78C1503 ATMEL-AT78C1503 Datasheet
107Kb / 14P
DVD/CD Read Channel
logo
STMicroelectronics
L6570A STMICROELECTRONICS-L6570A Datasheet
196Kb / 7P
2-CHANNEL FLOPPY DISK READ/WRITE CIRCUITS
Sep-1988
logo
ON Semiconductor
NCS12802 ONSEMI-NCS12802 Datasheet
1,021Kb / 21P
Programmable Gamma Voltage Reference Generator with Integrated Auto-read
June, 2012 ??Rev. 0
logo
Texas Instruments
DP84910 TI1-DP84910_11 Datasheet
629Kb / 34P
DP84910 DP84910-36 DP84910-50 Integrated Read Channel
logo
Motorola, Inc
MC34250 MOTOROLA-MC34250 Datasheet
145Kb / 4P
HARD DISK DRIVE READ CHANNEL
logo
Pepperl+Fuchs Inc.
WCS3R-LS246-Y211383 PF-WCS3R-LS246-Y211383 Datasheet
260Kb / 2P
Read head
IRH-12GM-V1 PF-IRH-12GM-V1 Datasheet
260Kb / 3P
Read head
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com