Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 16 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 16 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 12Page - National Semiconductor (TI) DP84910 Datasheet HTML 13Page - National Semiconductor (TI) DP84910 Datasheet HTML 14Page - National Semiconductor (TI) DP84910 Datasheet HTML 15Page - National Semiconductor (TI) DP84910 Datasheet HTML 16Page - National Semiconductor (TI) DP84910 Datasheet HTML 17Page - National Semiconductor (TI) DP84910 Datasheet HTML 18Page - National Semiconductor (TI) DP84910 Datasheet HTML 19Page - National Semiconductor (TI) DP84910 Datasheet HTML 20Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 16 / 32 page
background image
AC Electrical CharacteristicsPulse Detector guaranteed over operating conditions (see table)
unless otherwise specified Minimum andor maximum limits are guaranteed by outgoing testing unless otherwise specified
(Note 1)
Symbol
From Input To Output
Parameter
Conditions
Min
Typ
Max Units
(Note 2)
(Note 2)
(Note 12)
trecov(s)
WG
v
ERDO
u Recovery Time from Write
Enable ERD for Pulse Detector
Output Via Control Register
Mode with Short Mode
17
19
26
m
s
Programmed
trecov(l)
WG
v
ERDO
u Recovery Time from Write
Enable ERD for Pulse Detector
Output Via Control Register
Mode with Long Mode
38
41
54
m
s
Programmed
trecov(sleep) SLEEP
u ERDOu Recovery Time from Sleep
Enable ERD for Pulse Detector
300
m
s
Output Via Control Register
Mode of Pulse Detector
(Note 10)
trecov(IDLE)
IDLE
ERDO
u Pulse Detector Recovery Time (Notes 3 and 11)
20
m
s
SERVOv
from the IDLE Mode
tcharge
S1 to S4
SCAP1 – Gated Detector Charge Time
(Note 3)
200
340
430
ns
SCAP4
tdischarge
S1 to S4
SCAP1 – Gated Detector Discharge
(Note 4)
27
36
45
m
s
SCAP4
Time
tON
S1 to S4
SCAP1 – Gated Detector Turn On Time
(Note 5)
33
40
ns
SCAP4
tOFF
S1 to S4
SCAP1 – Gated Detector Turn Off Time
(Note 6)
34
45
ns
SCAP4
tpw
ERD0
u
ERD0
v Encoded Read Data Output
Enable ERD0 for Pulse Detector
20
35
ns
Output via Control Register
Pulse Width
tGT0
SCAP4
v SCAP3u Gate to Time Channel Delay
V(SETHYS) eb01V (Note 7)
70
105
ns
f e 5 MHz
Delay Step 0
tpp
ERD0
Pulse Pairing
VAMPIN e 100 mVPP f e 33 MHz b175
025
175
ns
Differential (Note 9)
f e 7 MHz
b
125
025
125
tDS1
SCAP4
u SCAP3u Programmable Channel Delay (Note 8)
69
ns
Step Size Delay Step 1
tDS2
SCAP4
u SCAP3u Programmable Channel Delay (Note 8)
11
17
ns
Step Size Delay Step 2
tDS3
SCAP4
u SCAP3u Programmable Channel Delay (Note 8)
11
17
ns
Step Size Delay Step 3
Note 1
All parameters are specified for the following conditions unless otherwise stated The device uses the components described in the AC test setup diagram
(See
Figure 5b ) VREF e 05V VSETHYS e 045V VRG e 03V and f e 25 MHz The control register is set at the initial power up conditions except all sections are
powered on RDIF e 50X CDIF e 180 pF
VIN e 100 mVPP differential
Note 2
The symbol (
u) indicates the rising edge of the pulse is used as reference The symbol (v) indicates the falling edge of the pulse is used as reference
Note 3
Connect 200 pF capacitors to SCAP pins With all external capacitors to SCAP pins discharged measure the time from servo channel enable pins (S1 S2
S3 S4) to 90% of the rising edge of the selected servo channel output fIN e 5 MHz
Note 4
Connect 200 pF capacitors to SCAP pins With all external capacitors to SCAP pins discharged measure the time from the servo channel enable pins (S1
S2 S3 S4) to 90% of the falling edge of the selected servo channel output fIN e 5 MHz
Note 5
With no capacitors connected to the SCAP pins pull 1 mA from each of the SCAP pins Measure the time from the selection of each servo channel (S1 S2
S3 S4) to the voltage on the selected servo output when it increases by 01V
Note 6
With no capacitors connected to the SCAP pins pull 1 mA from each of the SCAP pins Measure the time from the selection of each servo channel (S1 S2
S3 S4) to the voltage on the selected servo output when it decreases by 01V
Note 7
Enable internal pulse detector signals and program the gate channel delay step 0 through the control register tGTO includes time contributions from the
test frequency and delay introduced by the external differentiator components The test frequency contribution is the amount of time from the zero crossing at the
base line to the peak (which for a 5 MHz signal is 100 ns) The theoretical delay introduced by the differentiator components RDIF e 50X and CDIF e 180 pF at
this frequency is 13 ns Consequently the raw gate to channel delay can be found by subtracting off these external contributions to the delay
http
www nationalcom
16



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com