Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 8 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 8 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) DP84910 Datasheet HTML 10Page - National Semiconductor (TI) DP84910 Datasheet HTML 11Page - National Semiconductor (TI) DP84910 Datasheet HTML 12Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 32 page
background image
Pin Definitions (Continued)
Pin
Description
ANALOG SIGNAL PINS
(Continued)
60
DATA FIELD AUTOMATIC GAIN CONTROL VOLTAGE INPUT (VAGCIND)
When activated by a logical low level on
the SFIELD pin the voltage at this pin controls the gain of the gain controlled amplifier
62 63
AMPLIFIER INPUTS
2
1 (AMPIN2 AMPIN1)
These inputs accept the preamplified analog coded data signal
read from the disk They are to be externally capacitively coupled from the preamplifier They go to a low impedance
state when WRITE GATE is enabled and remain low impedance for either 17 msor3 4 ms (selectable by control
register bit SLOW Bank (11) bit 6 0 e 34 ms) after WRITE GATE is disabled This low impedance state is used to
remove DC offsets accumulated across the amplifier input coupling capacitors during the write mode
64
AGC REFERENCE VOLTAGE INPUT (VREF)
This input provides the reference voltage to the AGC circuit for
controlling the peak-to-peak signal swing at the channel input pins The voltage on this pin corresponds directly to the
peak-to-peak channel input signal level A resistor divider between supply and ground can be used to provide this
voltage The SVCC pin is provided to be used as a supply reference
70
SWITCHED SUPPLY VOLTAGE (SVCC)
This emitter-follower output may be used as the supply for the external VREF
resistor voltage divider and for both the external servo and data hysteresis resistor voltage dividers The voltage at this
pin will typically be VCC b 1V The voltage at this pin goes low in the sleep mode
71
DISCHARGE CAPACITOR (DISCAP)
A capacitor is tied from this pin to ground to establish an RC time constant which
sets the minimum operational frequency and decay characteristics of the AGC The voltage at this pin can also be used
for dynamic hysteresis Note unlike the DP849192 which requires an RC combination tied to this pin the DISCAP pin
has an internal 10 kX resistor connected to ground Thus only an external capacitor is required to set the RC time
constant
73
VOLTAGE CONTROLLED OSCILLATOR INPUT (VCOI)
This pin is the input to the voltage control block for the
synchronizer VCO and is to be connected to the external loop filter output
74
CHARGE PUMP OUTPUT (CPO)
This pin issues the signal from the synchronizer PLL charge pump and is to be
connected to the external loop filter input
76
RNOMINAL (RNOM)
A resistor connected from this pin to ground sets the synchronizer charge pump current
79
TIMING EXTRACTOR FILTER (TEF)
This pin is the filter node for the synthesizer phase locked loop (PLL) An
external resistor and capacitor loop filter is tied in series between this pin and ground
http
www nationalcom
8



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com