Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 4 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 4 Page - National Semiconductor (TI)

  DP84910 Datasheet HTML 1Page - National Semiconductor (TI) DP84910 Datasheet HTML 2Page - National Semiconductor (TI) DP84910 Datasheet HTML 3Page - National Semiconductor (TI) DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 32 page
background image
Connection Diagram
Note
Make no external connections to the NSC test pins
TLF11777 – 3
Order Number DP84910VHG-36 or DP84910VHG-50
See NS Package Number VHG80A
FIGURE 3
Pin Definitions
Pin
Description
POWER SUPPLY AND GROUND PINS
16
INPUTOUPUT BUFFER SUPPLY VOLTAGE (BVCC)
5V a5 b10%
17 18 20
INPUTOUTPUT BUFFER GROUNDS (BGND)
24
PLL DIGITAL SUPPLY VOLTAGE (DVCC)
5V a5 b10%
25
PLL DIGITAL GROUND (DGND)
33
PULSE DETECTOR DIGITAL SUPPLY VOLTAGE (PDVCC)
5V a5 b10%
35
PULSE DETECTOR DIGITAL GROUND (PDGND)
http
www nationalcom
4



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com