Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 9 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 9 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) DP84910 Datasheet HTML 10Page - National Semiconductor (TI) DP84910 Datasheet HTML 11Page - National Semiconductor (TI) DP84910 Datasheet HTML 12Page - National Semiconductor (TI) DP84910 Datasheet HTML 13Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 32 page
background image
Power Down Operation
The DP84910 has several methods available to control or
manage device power consumption Three control register
bits and two pins are provided to control the power status of
elements in this device The control register bits control the
power status of the pulse detector (PD
PWR
DN Bank
(10) bit 4) synchronizer (SYNC
PWR
DN Bank (10) bit
2) and synthesizer (STH
PWR
DN Bank (10) bit 3) The
device is configured to initially power up with the synchroniz-
er synthesizer and pulse detector powered down The con-
trol register power is controlled only by the SLEEP pin
The SLEEP pin is one of the two pins available for power
management This pin powers down all circuitry on the chip
including the control register In this mode the maximum
power supply current is 2 mA The control register latches
are preset into specific states when exiting the sleep mode
The shift register flip-flops however are in indeterminate
states until all 13 bits have been shifted in Note that if the
CRLS input is given a positive transition after exiting the
sleep mode but before valid data has been entered into
the shift register the indeterminate contents of the shift reg-
ister will be randomly loaded into one of the four banks of
latches Although the sleep mode can be safely exited with
the CRLS pin either high or low valid data must be loaded
into the shift register before CRLS is given a positive tran-
sition
The IDLESERVO pin is the second of the two pins avail-
able for power management This pin toggles the device
between the idle and servo modes In the idle mode only
the control register and pulse detector biasing circuitry nec-
essary for a quick recovery from the power down mode are
active In the servo mode the pulse detector portions need-
ed for servo detection are active as well as the control regis-
ter Less than 15 ms is required for the pulse detector to
recover from the idle condition The control register data is
not lost when this pin is toggled This pin does not control
the power status of the synchronizer or synthesizer To
achieve maximum power savings during extended servo-
only activity the synchronizer and synthesizer should be
powered down
TABLE I Selective Power Down Truth Table
SLEEP
Pin
SERVO
IDLE
Pin
Ctrl Reg
Power Status by Block
Bank (10)
B4
B3
B2
PD
CR
SYNCH
SYNTH
SERVO
0
X
X
X
X
OFF
OFF
OFF
OFF
1
1
0
0
0
OFF
ON
ON
ON
1
1
0
0
1
OFF
ON
OFF
ON
1
1
0
1
0
OFF
ON
ON
OFF
1
1
0
1
1
OFF
ON
OFF
OFF
10
0
0
0
ON
ON
ON
ON
1
0
0
0
1
ON
ON
OFF
ON
1
0
0
1
0
ON
ON
ON
OFF
1
0
0
1
1
ON
ON
OFF
OFF
1
X
1
0
0
OFF
ON
ON
ON
1
X
1
0
1
OFF
ON
OFF
ON
1
X
1
1
0
OFF
ON
ON
OFF
1
X
1
1
1
OFF
ON
OFF
OFF
Except for pulse detector circuitry biasing necessary for quick recovery from power down mode
Control register buffers powered down Data in register will not be affected but new data cannot
be loaded into register when IDLESERVO is high
http
www nationalcom
9



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com