Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 12 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 12 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) DP84910 Datasheet HTML 10Page - National Semiconductor (TI) DP84910 Datasheet HTML 11Page - National Semiconductor (TI) DP84910 Datasheet HTML 12Page - National Semiconductor (TI) DP84910 Datasheet HTML 13Page - National Semiconductor (TI) DP84910 Datasheet HTML 14Page - National Semiconductor (TI) DP84910 Datasheet HTML 15Page - National Semiconductor (TI) DP84910 Datasheet HTML 16Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 32 page
background image
DC Electrical CharacteristicsPulse Detector Servo and Filter guaranteed over
operating conditions (see table) unless otherwise specified Minimum andor maximum limits are guaranteed by outgoing testing
unless otherwise specified
Symbol
Circuit
Parameter
Conditions
Min
Typ
Max
Units
Block
(Note 24)
ZIN-AL
GCA
Amplifier Input Impedance
Nonwrite Mode (Note 1)
2
24
28
kX
(AMPIN1 AMPIN2)
AVA(MAX)
GCA
Maximum Amplifier Gain
VVAGCIN e 1V (Note 2)
50
VV
AVA(MIN)
GCA
Minimum Amplifier Gain
VVAGCIN e 4V (Note 2)
01
05
VV
AVA(FG)
GCA
Amplifier Gain in Fixed
Control Register Programmed
8
11
13
VV
Gain Mode
for Fixed Gain Mode (Note 2)
VAob
GCA
Amplifier Output DC Bias
3
34
44
V
Level
VTH(AGC)
AGC
AGC Threshold Voltage
VREF e 05V
425
500
575
mVPP
VVAGCIN e 25V (Note 3)
GmAGC
AGC
AGC Transconductance
VVAGCIN e 25V (Note 4)
07
1
13
mAV
b
IAGC(SLEW)
AGC
AGC Slew Current
lVCHAN1 b VCHAN2l e 05V
(Flowing out of either
VVAGCIN e 25V VREF e 05V
b
400
b
240
b
180
m
A
VAGCINS or VAGCIND)
IAGC(SLEW)
AGC
AGC Slew Current
lVCHAN1 b VCHAN2l e 0V
(Flowing into either
VVAGCIN e 25V VREF e 05V
200
240
400
m
A
VAGCINS or VAGCIND)
FSBP
AGC
Fast Slew Break Point for
VVACGIN e 25V (Note 5)
20
30
40
%
AGC
VREF e 05V
VDISCAP
AGC
Discharge Capacitor
Measurement Made at
13
18
24
V
Voltage
VTHAGC (Note 23)
ILEAK(AGC)H
AGC
AGC Leakage Current in
HOLD e High VVAGCIN e
002
009
m
A
AGC Hold Mode
25V (Note 6)
ILEAK(AGC)W
AGC
AGC Leakage Current
Pulse Detector Placed in Write
002
003
m
A
Write Mode
Mode VVAGCIN e 25V
(Note 6)
ILEAK(AGC)ID
AGC
AGC Leakage Current in
Pulse Detector is in Idle Mode
002
007
m
A
Idle Mode
VVAGCIN e 25V (Note 6)
ZDISCAP
AGC
DISCAP Pin Impedence
Force 2V on the DISCAP Pin
711
15
kX
and Measure the Impedence
ZIN(AL)W
AMP
Amplifier Input Impedance
(Note 1)
65
100
X
CLAMP
in Write Mode
Iclamp(sink)
AMP
Amplifier Input Clamp
(Note 7)
911
mA
CLAMP
Sink Current
Iclamp(source)
AMP
Amplifier Input Clamp
(Note 8)
912
mA
CLAMP
Source Current
ZIN(CH)
CHAN
Channel Input Impedance
(Note 1)
44
47
5
kX
INPUTS
HR(D)
CHAN
Ratio of the Data Field
See Conditions for
025
037
045
INPUTS
Hysteresis Threshold to
VTHHYSD(101) and VTH(AGC)
the AGC Threshold
(Note 10)
HR(S)
CHAN
Ratio of the Servo Field
See Conditions for
025
036
045
INPUTS
Hysteresis Threshold to
VTH(HYSTS) and VTH(AGC)
the AGC Threshold
(Note 10)
http
www nationalcom
12



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com