Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 30 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 30 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 24Page - National Semiconductor (TI) DP84910 Datasheet HTML 25Page - National Semiconductor (TI) DP84910 Datasheet HTML 26Page - National Semiconductor (TI) DP84910 Datasheet HTML 27Page - National Semiconductor (TI) DP84910 Datasheet HTML 28Page - National Semiconductor (TI) DP84910 Datasheet HTML 29Page - National Semiconductor (TI) DP84910 Datasheet HTML 30Page - National Semiconductor (TI) DP84910 Datasheet HTML 31Page - National Semiconductor (TI) DP84910 Datasheet HTML 32Page - National Semiconductor (TI)  
Zoom Inzoom in Zoom Outzoom out
 30 / 32 page
background image
Synchronizer Description (Continued)
TABLE IX Window Strobe Control Table
Control Register Bits Bank (11)
STR2 STR1 STR0 STR
SIGN Typical Window Shift
110
1
b
(0250)tVCO b 12 ns
101
1
b
(0188)tVCO b 12 ns
100
1
b
(0125)tVCO b 12 ns
011
1
b
(0062)tVCO b 12 ns
010
1
b
12 ns
001
1
b
06 ns
0
0
0
1
none
0
0
0
0
none
0
0
1
0
06 ns
0
1
0
0
12 ns
0
1
1
0
(0062)tVCO a 12 ns
1
0
0
0
(0125)tVCO a 12 ns
1
0
1
0
(0188)tVCO a 12 ns
1
1
0
0
(0250)tVCO a 12 ns
Note
Strobe selections not shown in above table are invalid and should not
be used If an invalid state is inadvertently entered SDO will become inde-
terminate though PLL lock (phase comparator activity) will not be affected
Synthesizer Description
The synthesizer block is a phase-locked loop with control
register selectable divider values at its input port and in its
feedback path A single external node (Timing Extractor Fil-
ter or TEF) is provided for passive components for the syn-
thesizer PLL filter The resulting synthesized output fSYNTH
is the code rate clock used for encoding and as a reference
signal for the synchronizer during the non-read mode The
frequency of fSYNTH is the reference input frequency multi-
plied by the modulus of the feedback divider and divided by
the modulus of the input divider
fSYNTH e fREF c Nfeedback Ninput
The input divider modulus Ninput is set via control register
Bank (01) bits 8 – 12 (LSB – MSB respectively) and feed-
back modulus Nfeedback is set via control register Bank
(01) bits 2 – 7 (LSB – MSB respectively) The value of each
N modulus is equal to the binary value of its control word
PLUS 2 This gives the input divider a division range of 3 – 33
and the feedback divider a division range of 3 – 65
Ninput e Binary value of CR Bank (01) bits 8–12 a 2
Nfeedback e Binary value CR Bank (01) bits 2–7 a 2
A zero value control word (all bits low) for either divider is
not allowed (divider operation stops) At VCC power-up the
divider control words are both automatically set to binary 1
and thus the ratio
Nfeedback Ninput e (1 a 2)(1 a 2) e (3)(3) or unity
The synthesizer may be selectively powered-down via a sin-
gle bit in the control register (STH
PWR
DN Bank (10)
bit 3) No control register data is lost during selective power-
down When selective power-down occurs an idle-bias cir-
cuit is activated at the TEF pin which keeps the filter voltage
at a typical operating bias of 2 times VBE (approximately
15V) above ground potential in order to minimize lock re-
covery time at reapplication of power
Note
The synchronizer derives key reference signals from the synthesizer
thus the synthesizer must be powered-on for the synchronizer to
operate properly If the synthesizer is powered-down the synchroniz-
er should be as well
In general to minimize digital switching noise it is advised
that the SYNC CLOCK (SCLK) output be used for all read
write clock purposes and the SYNTH output be left dis-
abled For systems which must use a continuous unmulti-
plexed synthesized master clock the SYNTH output is
made available Should the SYNTH output be employed as
a system clock care should be taken as with all switching
outputs on the DP84910 to minimize capactive loading (use
an external bufferdriver for multiple fan-out applications)
The standard
default VCC power-up condition for the
SYNTH output pin is the disabled mode (logic high state)
This output should always be left disabled if not needed
http
www nationalcom
30



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com