Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 6 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 6 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 2Page - National Semiconductor (TI) DP84910 Datasheet HTML 3Page - National Semiconductor (TI) DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) DP84910 Datasheet HTML 10Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 32 page
background image
Pin Definitions (Continued)
Pin
Description
TTL LEVEL LOGIC PINS
(Continued)
11
ENCODED READ DATA OUTPUT (ERDO)
This output issues the raw pulsed output of the pulse detector when
enabled by the control register bits ERD0 and ERD1 (Bank (11) bits 3 and 4) When disabled (see Table III) this output
will be high When enabled the pulsed data from the pulse detector can continue to be issued to the synchronizer
depending on the combination of states of the ERD0 and ERD1 control register bits When both the ERD0 and ERD1
control register bits are high the part is put into a test mode where the gain of the GCA is held constant (ie fixed gain
mode) In this test mode the synchronizer and synthesizer VCOs can be driven by external test signals
12
ENCODED READ DATA INPUT (ERDIN)
This pin is the input to the synchronizer It is enableddisabled via control
register bits ERD0 and ERD1 (Bank (11) bits 2 and 3) When enabled (see Table III) this buffer admits external pulsed
data to the synchronizer via this pin and raw data output from the pulse detector is NOT internally fed to the
synchronizer This allows for testingexercising of the synchronizer or for external processing of the peak-detected
data prior to being fed to the synchronizer When ERDO is disabled the pulse detector’s data is fed internally to the
synchronizer When both the ERD0 and ERD1 control register bits are high the part is put into a test mode where the
gain controlled amplifier is put into a fixed gain In this test mode the synchronizer and synthesizer VCOs can be driven
by external test signals
14
SYNCHRONIZED DATA OUTPUT (SDO)
This output issues resynchronized data directly from the synchronizing PLL
block
15
MULTIPLEXED SYNCHRONIZED CLOCK OUTPUT (SCLK)
This output issues either the synchronizer or synthesizer
clock signal dependent on whether the device is in the read or non-read mode The synchronizer clock is selected
during read mode while the synthesizer clock is selected during non-read mode Multiplexing is done without glitches
19
CRYSTAL INPUT (XTLIN)
This input is the synthesizer and filter reference frequency input It is designed for
connection from a TTL frequency source Duty cycle is not critical An input attenuation resistor is normally used to
minimize transient noise at this pin
21
POLARITY OUTPUT (POLOUT)
This TTL output issues a signal that is the output of the pulse detector’s comparator
with hysteresis The logical polarity of this signal corresponds to the polarity of the signal at the channel input pins
22
SYNTHESIZER REFERENCE OUTPUT (SYNTH)
This output issues a continuous reference signal from the frequency
synthesizer when enabled At VCC power up this pin is in the inactive state (a logical high state) and can be enabled via
a bit in the control register (ENSTHO Bank (10) bit 5) The output frequency will be the same as the media code clock
rate
23
CONTROL REGISTER DATA OUTPUT (CRDO)
This output issues data from the control register It can be connected
to the input of another device’s control register such as the DP84900 (ENDEC) so that the number of data lines from
the controller can be minimized
27–30
SERVO SWITCH INPUTS
1
2
3
4 (S1 S2 S3 S4)
These pins in conjunction with the AGC HOLD pin
control the gating action of the gated servo peak detectors and the discharge of the servo channeIs These pins also
enabIe or disabIe the output internal signals the track follow and the seek modes according to Table IV
31
SERVO FIELD SELECT INPUT (SFIELD)
When at a high logic level this pin switches the hysteresis threshold control
of the puIse detector’s comparator from the SET HYSTERESIS-DATA FIELD (SETHYSD) pin to the SET
HYSTERESIS-SERVO FIELD (SETHYSS) pin It also switches the AGC controI from the AGC control capacitor-data
field (VAGCIND) pin to the AGC control capacitor-servo field (VAGCINS) pin When enabled by a control register bit
(SERVO e 1 Bank (00) bit 12) this pin can switch the equalization and consequently the bandwidth of the channel
filter between data equalization control bits (EQ0 EQ1 EQ2 Bank (00) bits 9 10 11) and servo equalization control
bits (SERVO
EQ0 SERVO
EQ1 SERVO
EQ2 Bank (11) bits 10 11 12)
36
OPTICAL
The optical (unipolar) mode is enabled by the application of ground to this pin For magnetic operation this
pin must be left open (no connection to it) Refer to design guide for details of operation
67
COASTAGC HOLD INPUT (HOLD)
When high this input controls an internal switch which freezes the pulse detector
AGC level for the reading of the servo burst Phase comparisons within the synchronizer (read mode only) are also
disabled allowing the PLL to coast
77
CHARGE PUMP GAIN INPUT (CPGAIN)
This input selects the gain of the synchronizer’s charge pump in conjunction
with a bit in the control register (CPRATIO Bank (10) bit 12) (see Table VIII)
http
www nationalcom
6



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com