Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 7 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 7 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 3Page - National Semiconductor (TI) DP84910 Datasheet HTML 4Page - National Semiconductor (TI) DP84910 Datasheet HTML 5Page - National Semiconductor (TI) DP84910 Datasheet HTML 6Page - National Semiconductor (TI) DP84910 Datasheet HTML 7Page - National Semiconductor (TI) DP84910 Datasheet HTML 8Page - National Semiconductor (TI) DP84910 Datasheet HTML 9Page - National Semiconductor (TI) DP84910 Datasheet HTML 10Page - National Semiconductor (TI) DP84910 Datasheet HTML 11Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 32 page
background image
Pin Definitions (Continued)
Pin
Description
ANALOG SIGNAL PINS
32
VPHASE
An internally generated voltage is present at his pin to control the Q of the integrated filter An external
network (24 kX to FVCC and 18 kX to GND) should be connected to this pin to optimize the filter’s performance
34
FILTER CHARGE PUMP OUTPUTVCO INPUT NODE (FCPOVCOI)
This is the filter node for the channel filter PLL
An externaI resistor and capacitor loop filter is tied in series between this pin and ground
37
SERVO CAPACITOR
4 (SCAP4)
This pin is the connection point for the peak detector capacitor for the embedded
servo gated detector The DC level on this capacitor represents the amplitude of one of four servo bursts When the
‘‘output internal signals’’ mode is selected by applying a high logical level to the S2 pin and a low logical level on the
HOLD pin the signal on this pin becomes the output of the seIectable delay block in the qualification channel (see
Table IV)
38
SERVO CAPACITOR
3 (SCAP3)
This pin is the connection point for the peak detector capacitor for the embedded
servo gated detector The DC level on this capacitor represents the amplitude of one of four servo bursts When the
‘‘output internal signals’’ mode is selected by applying a high logical level to the S2 pin and a low logical level on the
HOLD pin the signal on this pin becomes the output of the time channel zero-cross detector (see Table IV)
39
SERVO CAPACITOR
2 (SCAP2)
This pin is the connection point for the peak detector capacitor for the embedded
servo gated detector The DC level on this capacitor represents the amplitude of one of four servo bursts When the
‘‘output internal signals’’ mode is selected by applying a high logical level to the S2 pin and a low logical Ievel on the
HOLD pin the signal on this pin becomes one of the differential outputs of the differentiator (see Table IV)
40
SERVO CAPACITOR
1 (SCAP1)
This pin is the connection point for the peak detector capacitor for the embedded
servo gated detector The DC level on this capacitor represents the amplitude of one of four servo bursts When the
‘‘output internal signals’’ mode is selected by applying a high logical level to the S2 pin and a low logical level on the
HOLD pin the signal on this pin becomes one of the differential outputs of the differentiator (see Table IV)
41 42
SERVO DIFFERENCE AMPLIFIERS OUTPUTS
1
2 (DIFAMP1 DIFAMP2)
These low impedance pins issue an
output signal which is the difference in voltage between SCAP4 and SCAP3 pins (DIFAMP2) and SCAP2 and SCAP1
pins (DIFAMP1) These differences will be centered about a reference level set by the voltage on the VDlFF pin
43
SERVO DIFFERENCE VOLTAGE REFERENCE INPUT (VDIFF)
A voltage applied to this pin provides a reference for
the zero-level of the signals issued by the difference amplifiers on DIFAMP1 and DIFAMP2 pins
45 46
DIFFERENTIATOR CAPACITOR NODES
1
2 (DIFC1 DIFC2)
These pins are connection points for the
differentiator components (typically a resistor capacitor and inductor)
48 49
GAIN CONTROLLED AMPLIFIER OUTPUTS
1
2 (AMPOUT1 AMPOUT2)
These pins are complimentary emitter
follower outputs from the gain controlled amplifier They are to be externally capacitively coupIed to the channel filter
inputs (FIN1 FIN2)
50 51
FILTER INPUTS
2
1 (FIN2 FIN1)
These channel filter inputs are to be externally capacitively coupled to the gain
controlled amplifier outputs (AMPOUT1 AMPOUT2)
53 54
FILTER OUTPUTS
1
2 (FOUT1 FOUT2)
These pins are complimentary emitter foIIower outputs from the channeI
filter They are to be externally capacitively coupled to the timing-gating channelAGC senseservo channel inputs
(CHAN1 CHAN2)
55 56
TIMING-GATING CHANNELAGC SENSESERVO INPUTS
2
1 (CHAN2 CHAN1)
These input pins are to be
externally capacitively coupled from the channel filter outputs (FOUT1 FOUT2) These pins are the inputs to the
differentiator AGC amplifier servo channel and qualification channel
57
SET HYSTERESIS INPUT-SERVO FIELD (SETHYSS)
When activated by a logical high level on the SFIELD pin the
voltage applied to this pin determines the amount of hysteresis for the pulse detector’s hysteresis comparator This
level should be set high enough to eliminate noise which might occur in the shoulder region between read pulses from
the preamplifier The SVCC pin is provided to be used as a supply reference for a resistive divider to set this level
58
SET HYSTERESIS INPUT-DATA FIELD (SETHYSD)
When activated by a logical low level on the SFlELD pin the
voltage applied to this pin in conjunction with three control register bits (HYS
VTH0 HYS
VTH1 HYS
VTH2
Bank (11) bits 7 8 9) determines the amount of hysteresis for the pulse detector’s hysteresis comparator This level
should be set high enough to eliminate noise which might occur in the shouIder region between read pulses from the
preamplifier The SVCC pin is provided to be used as a supply reference for a resistive divider to set this level
59
SERVO FIELD AUTOMATIC GAIN CONTROL VOLTAGE INPUT (VAGCINS)
When activated by a logical high level
on the SFIELD pin the voltage at this pin controls the gain of the gain controlled amplifier
http
www nationalcom
7



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com