Electronic Components Datasheet Search
  English  ▼

X  

DP84910 Datasheet(PDF) 22 Page - National Semiconductor (TI)

[Old version datasheet] Texas Instruments acquired National semiconductor.
Part # DP84910
Description  Integrated Read Channel
PDF  32 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  NSC [National Semiconductor (TI)]
Direct Link  http://www.national.com
Logo NSC - National Semiconductor (TI)

DP84910 Datasheet(HTML) 22 Page - National Semiconductor (TI)

Back Button DP84910 Datasheet HTML 18Page - National Semiconductor (TI) DP84910 Datasheet HTML 19Page - National Semiconductor (TI) DP84910 Datasheet HTML 20Page - National Semiconductor (TI) DP84910 Datasheet HTML 21Page - National Semiconductor (TI) DP84910 Datasheet HTML 22Page - National Semiconductor (TI) DP84910 Datasheet HTML 23Page - National Semiconductor (TI) DP84910 Datasheet HTML 24Page - National Semiconductor (TI) DP84910 Datasheet HTML 25Page - National Semiconductor (TI) DP84910 Datasheet HTML 26Page - National Semiconductor (TI) Next Button
Zoom Inzoom in Zoom Outzoom out
 22 / 32 page
background image
Control Register Description (Continued)
TABLE IIa Control Register Definitions
Bit
Bit Name
POR
Block
Function
BANK (00)
0
CR ADDR0
CR
Control Register Bank Address LSB (0)
1
CR ADDR1
CR
Control Register Bank Address MSB (0)
2
FILT
3dB
0
1
FILT
Channel Filter Cutoff Frequency Selection Bit0 (LSB)
3
FILT
3dB
1
1
FILT
Channel Filter Cutoff Frequency Selection Bit1
4
FILT
3dB
2
1
FILT
Channel Filter Cutoff Frequency Selection Bit2
5
FILT
3dB
3
1
FILT
Channel Filter Cutoff Frequency Selection Bit3
6
FILT
3dB
4
0
FILT
Channel Filter Cutoff Frequency Selection Bit4
7
FILT
3dB
5
1
FILT
Channel Filter Cutoff Frequency Selection Bit5
8
FILT
3dB
6
1
FILT
Channel Filter Cutoff Frequency Selection Bit6 (MSB)
9
EQ0
1
PD
Equalization Select Bit0 (LSB)
10
EQ1
0
PD
Equalization Select Bit1
11
EQ2
0
PD
Equalization Select Bit2 (MSB)
12
SERVO
0
PD
Disable BWEQ Control Servo Field (0 e Disable)
BANK (01)
0
CR ADDR0
CR
Control Register Bank Address LSB (1)
1
CR ADDR1
CR
Control Register Bank Address MSB (0)
2
PDATA0
1
SYNTH
Feedback Divider Bit0 (LSB)
3
PDATA1
0
SYNTH
Feedback Divider Bit1
4
PDATA2
0
SYNTH
Feedback Divider Bit2
5
PDATA3
0
SYNTH
Feedback Divider Bit3
6
PDATA4
0
SYNTH
Feedback Divider Bit4
7
PDATA5
0
SYNTH
Feedback Divider Bit5 (MSB)
8
PDATA6
1
SYNTH
Input Divider Bit0 (LSB)
9
PDATA7
0
SYNTH
Input Divider Bit1
10
PDATA8
0
SYNTH
Input Divider Bit2
11
PDATA9
0
SYNTH
Input Divider Bit3
12
PDATA10
0
SYNTH
Input Divider Bit4 (MSB)
BANK (10)
0
CR ADDR0
CR
Control Register Bank Address LSB (0)
1
CR ADDR1
CR
Control Register Bank Address MSB (1)
2
SYNC
PWR
DN
1
SYNC
Selective Power Down of Synchronizer (Power Down e High)
3
STH
PWR
DN
1
SYNTH
Selective Power Down of Synthesizer (Power Down e High)
4PD
PWR
DN
1
PD
Selective Power Down of Pulse Detector (Power Down e High)
5
ENSTHO
1
SYNTH
Enable SYNTH Output (when low)
6
GATE
DEL1
0
PD
Gating Channel Delay Select Bit 1(LSB)
7
GATE
DEL2
1
PD
Gating Channel Delay Select Bit 2(MSB)
http
www nationalcom
22



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com