Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 2 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 2 Page - Texas Instruments

  TAS3002 Datasheet HTML 1Page - Texas Instruments TAS3002 Datasheet HTML 2Page - Texas Instruments TAS3002 Datasheet HTML 3Page - Texas Instruments TAS3002 Datasheet HTML 4Page - Texas Instruments TAS3002 Datasheet HTML 5Page - Texas Instruments TAS3002 Datasheet HTML 6Page - Texas Instruments TAS3002 Datasheet HTML 7Page - Texas Instruments TAS3002 Datasheet HTML 8Page - Texas Instruments TAS3002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 55 page
background image
1−1
1 Introduction
1.1
Description
The TAS3002 device is a system-on-a-chip that replaces conventional analog equalization to perform digital
parametric equalization, dynamic range compression, and loudness contour. Additionally, this device provides
high-quality, soft digital volume, bass, and treble control. All control parameters are uploaded from an outside MCU
through the I2C slave port or from an external EEPROM through the I2C master port.
The TAS3002 device also has an integrated 24-bit stereo codec with two I2C-selectable, single-ended inputs per
channel.
The digital parametric equalization consists of seven cascaded, independent biquad filters per channel. Each biquad
filter has five 24-bit coefficients that can be configured into many different filter functions (such as band-pass,
high-pass, and low-pass).
The internal loudness contour algorithm can be controlled and programmed with an I2C command.
Dynamic range compression/expansion (DRCE) is programmable through the I2C port. The system designer can set
the threshold, energy estimation time constant, compression ratio, and attack and decay time constants.
The TAS3002 device supports 13 serial interface formats (I2S, left justified, right justified) with data word lengths of
16, 18, 20, or 24 bits. The sampling frequency (fS) may be set to 32 kHz, 44.1 kHz, or 48 kHz. The 13 serial interface
formats are listed and described in Section 2.1.
The TAS3002 device uses a system clock generated by the internal phase-locked loop (PLL). The reference clock
for the PLL is provided by an external master clock (MCLK) of 256 fS or 512fS, or a 256fS crystal.
The TAS3002 device has six internally configurable general-purpose input (GPI) terminals that control volume, bass,
treble, and equalization. Each GPI terminal has a debounce algorithm that is programmed into the TAS3002 internal
microcontroller.
1.2
Features
•
Programmable seven-band parametric equalization
•
Programmable digital volume control
•
Programmable digital bass and treble control
•
Programmable dynamic range compression/expansion (DRCE)
•
Programmable loudness contour/dynamic bass control
•
Configurable serial port for audio data
•
Two input data channels that can be mixed with digital data from the analog-to-digital converter (ADC) of
the codec (analog input). These channels are controlled by I2C commands.
•
Three output data channels: Left and right data go through equalization; bass, treble, DRCE, and volume
to SDOUT1; SDOUT2 mixes left and right data. SDOUT2 operates as a center channel or subwoofer
channel. The output of the ADC is available for additional processing.
•
Capability to digitally mix left and right input channels for a monaural output to facilitate subwoofer operation
•
Serial I2C master/slave port that allows:
−
Downloading of control data to the device externally from the EEPROM or an I2C master
−
Controlling other I2C devices



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com