Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 12 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 12 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 8Page - Texas Instruments TAS3002 Datasheet HTML 9Page - Texas Instruments TAS3002 Datasheet HTML 10Page - Texas Instruments TAS3002 Datasheet HTML 11Page - Texas Instruments TAS3002 Datasheet HTML 12Page - Texas Instruments TAS3002 Datasheet HTML 13Page - Texas Instruments TAS3002 Datasheet HTML 14Page - Texas Instruments TAS3002 Datasheet HTML 15Page - Texas Instruments TAS3002 Datasheet HTML 16Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 12 / 55 page
background image
2−5
2.3
Switching Characteristics
PARAMETER
MIN
TYP
MAX
UNIT
tc(SCLK)
SCLK cycle time
325.5
ns
td(SLR)
SCLK rising to LRCLK edge
20
ns
td(SDOUT)
SDOUT valid from SCLK falling edge (see Note 1)
(1/256 fS) + 10
ns
tsu(SDIN)
SDIN setup before SCLK rising edge
20
ns
th(SDIN)
SDIN hold after SCLK rising edge
100
ns
f(LRCLK)
LRCLK frequency
32
44.1
48
kHz
Duty cycle
50
%
NOTE 1: Maximum of 50-pF external load on SDOUT.
SCLK
LRCLK
SDIN1
SDIN2
SDOUT1
SDOUT2
SDOUT0
tc(SCLK)
td(SDOUT)
tsu(SDIN)
th(SDIN)
td(SLR)
tf(SCLK)
tr(SCLK)
td(SLR)
Figure 2−4. For Right-/Left-Justified and I2S Serial Protocols



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com