Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 15 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 15 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 11Page - Texas Instruments TAS3002 Datasheet HTML 12Page - Texas Instruments TAS3002 Datasheet HTML 13Page - Texas Instruments TAS3002 Datasheet HTML 14Page - Texas Instruments TAS3002 Datasheet HTML 15Page - Texas Instruments TAS3002 Datasheet HTML 16Page - Texas Instruments TAS3002 Datasheet HTML 17Page - Texas Instruments TAS3002 Datasheet HTML 18Page - Texas Instruments TAS3002 Datasheet HTML 19Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 15 / 55 page
background image
3−2
AOUTR
10
µF
24-Bit
DAC
AOUTL
VCOM
+
0.1
µF
AGND
Analog Output
(Adjust Capacitors for Desired
Low Frequency Response)
Figure 3−2. VCOM Decoupling Network
3.2.2
Analog Output With Gain
Because the maximum analog output from the TAS3002 device is 0.707 Vrms, the output level can be increased by
using an external amplifier. The circuit shown in Figure 3−3 boosts the output level to 1 Vrms (when it has a gain of
1.414) and provides improved signal-to-noise ratio (SNR). Since this circuit lowers the noise floor, THD + N is
improved also.
AOUTR
10
µF
Analog Output
(Adjust Capacitors for Desired
Low Frequency Response)
24-Bit
DAC
AOUTL
VCOM
+
0.1
µF
AGND
+
−
+5 Op Amp/2
+
−
+5 Op Amp/2
TLV2362
or Equilvalent
TLV2362
or Equilvalent
C1
C2
C3
C5
C5
C4
C1 = C2 = C3
C4 = C5
Figure 3−3. Analog Output With External Amplifier



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com