Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 35 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 35 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 31Page - Texas Instruments TAS3002 Datasheet HTML 32Page - Texas Instruments TAS3002 Datasheet HTML 33Page - Texas Instruments TAS3002 Datasheet HTML 34Page - Texas Instruments TAS3002 Datasheet HTML 35Page - Texas Instruments TAS3002 Datasheet HTML 36Page - Texas Instruments TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 35 / 55 page
background image
7−2
•
Clears all the registers in the circuits
•
Purges the codec
•
Selects analog input A (RINA and LINA) and sets the input A active indicator (INPA) low
•
Initializes the equalization parameters to AllPass filters
•
Sets the digital audio interface to the I2S 18-bit mode
•
Sets the bass/treble to 0 dB
•
Sets the mixer gain to 0 dB SDIN1 and mutes both SDIN2 and analog-in
•
Sets the volume to –40 dB
•
Turns off all enhancement features (DRCE, etc.)
•
Reads the I2C address. If the address is 68h, the device reads its EEPROM. It is possible to load the
user-defined bass/treble data and break points (optional). If there is no data, the device loads default
bass/treble delta and break points from ROM.
•
If the address is 6Ah, the device puts the I2C interface in slave mode and waits for input.
7.2.3
Reset Circuit
Because the TAS3002 device has an internal power-on reset (POR), in many cases, additional components are not
needed to reset the device. It resets internally at approximately 80% of VDD.
In the case where the system power supplies are slow in reaching their final voltage or where there is a difference
in the time the system power supplies take to become stable, the TAS3002 reset can be delayed by a simple RC
circuit.
0.1
µF
DVDD
6
TAS3002
RESET
10 k
Ω
DVSS
Figure 7−1. TAS3002 Reset Circuit
The reset delay for the above circuit can be calculated by the simple equation:
trd = 0.8RC + 400 µs
Where:
trd = The delay before the TAS3002 device comes out of reset
C = Value of the capacitance from RESET (pin 6) to DVSS
R = Value of the resistance from RESET (pin 6) to DVDD
The circuit described in Figure 7−1 delays the start-up of the TAS3002 device approximately 1.2 ms.
When it is necessary to control the reset of the TAS3002 device with an external device, such as a microcontroller,
RESET (pin 6) can be treated as a logic signal. It then brings the device out of reset when the voltage on RESET
reaches VDD/2.
7.2.4
Fast Load Mode
While in fast load mode—FL bit (bit 7 of main control register 1) = 0—it is possible to update the parametric
equalization without any audio processing delay. The audio processor pauses while the RAM is updated in this mode.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com