Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 8 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 8 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 4Page - Texas Instruments TAS3002 Datasheet HTML 5Page - Texas Instruments TAS3002 Datasheet HTML 6Page - Texas Instruments TAS3002 Datasheet HTML 7Page - Texas Instruments TAS3002 Datasheet HTML 8Page - Texas Instruments TAS3002 Datasheet HTML 9Page - Texas Instruments TAS3002 Datasheet HTML 10Page - Texas Instruments TAS3002 Datasheet HTML 11Page - Texas Instruments TAS3002 Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 55 page
background image
2−1
2 Audio Data Formats
2.1
Serial Interface Formats
The TAS3002 device works in master or slave mode.
In the master mode, terminal 21 (IFM/S) is tied high. This activates the master clock (MCLK) circuitry. A crystal can
be connected across terminals 13 (XTALI/MCLK) and 14 (XTALO), or an external, TTL-compatible MCLK can be
connected to XTALI/MCLK. In that case, MCLK is outputs on terminal 12 (MCLKO), with terminals 19 (LRCLK/O) and
20 (SCLK/O) becoming outputs to drive slave devices.
In the slave mode, IFM/S is tied low. LRCLK/O and SCLK/O are inputs and the interface operates as a slave device
requiring externally supplied MCLK, LRCLK (left/right clock), and SCLK (shift clock) inputs. There are two options
for selecting the clock rates. If the 512fS MCLK rate is selected, terminal 11 (CLKSEL) is tied high and an MCLK rate
of 512fS must be supplied. If the 256fS MCLK is selected, CLKSEL is tied low and an MCLK of 256fS must be supplied.
In both cases, an LRCLK of 64 SCLK must be supplied.
•
MCLK and SCLK must be synchronous and their edges must be at least 3 ns apart.
•
If the LRCLK phase changes by more than 10 cycles of MCLK, the codec automatically resets.
The TAS3002 device is compatible with 13 different serial interfaces. Available interface options are I2S, right justified,
and left justified. Table 2−1 indicates how the 13 options are selected using the I2C bus and the main control register
(MCR, I2C address 01h). All serial interface options at either 16, 18, 20, or 24 bits operate with SCLK at 64 fS.
Additionally, the 16-bit mode operates at 32 fS.
Table 2−1. Serial Interface Options
MODE
MCR BIT (6)
MCR BIT (5−4)
MCR BIT (1−0)
SERIAL INTERFACE
SDIN1, SDIN2, SDOUT1, SDOUT2, AND SDOUT0
0
0
00
00
16-bit, 32 fS
1
1
00
00
16-bit, left justified, 64 fS
2
1
01
00
16-bit, right justified, 64 fS
3
1
10
00
16-bit, I2S, 64 fS
4
1
00
01
18-bit, left justified, 64 fS
5
1
01
01
18-bit, right justified, 64 fS
6
1
10
01
18-bit, I2S, 64 fS
7
1
00
10
20-bit, left justified, 64 fS
8
1
01
10
20-bit, right justified, 64 fS
9
1
10
10
20-bit, I2S, 64 fS
10
1
00
11
24-bit, left justified, 64 fS
11
1
01
11
24-bit, right justified, 64 fS
12
1
10
11
24-bit, I2S, 64 fS
Figure 2−1 through Figure 2−3 illustrate the relationship between the SCLK, LRCLK, and the serial data I/O for the
different interface protocols.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com