Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 37 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 37 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 33Page - Texas Instruments TAS3002 Datasheet HTML 34Page - Texas Instruments TAS3002 Datasheet HTML 35Page - Texas Instruments TAS3002 Datasheet HTML 36Page - Texas Instruments TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 37 / 55 page
background image
7−4
7.3.1
Power-Down Timing Sequence
PWR_DN
Power-Down Mode
RESET
MCLK
SCLK
LRCLK
SDATA
1 ms
Normal Operation
Figure 7−2. Power-Down Timing Sequence
In power-down mode, the TAS3002 device typically consumes less than 1 mA.
7.4
Test Mode
Terminal 9 (TEST) is tied low in normal operation. This function is reserved for factory test and must not be asserted.
7.5
Internal Interface
Figure 7−3 shows the flow chart of the interface between the microcontroller and its peripheral blocks.
7.6
GPI Terminal Programming
During initialization, the microcontroller fetches a control byte from its EEPROM or receives a command from I2C.
7.6.1
GPI Interface
The six GPI terminals are programmed to operate as indicated in Table 7−1.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com