Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 21 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 21 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 17Page - Texas Instruments TAS3002 Datasheet HTML 18Page - Texas Instruments TAS3002 Datasheet HTML 19Page - Texas Instruments TAS3002 Datasheet HTML 20Page - Texas Instruments TAS3002 Datasheet HTML 21Page - Texas Instruments TAS3002 Datasheet HTML 22Page - Texas Instruments TAS3002 Datasheet HTML 23Page - Texas Instruments TAS3002 Datasheet HTML 24Page - Texas Instruments TAS3002 Datasheet HTML 25Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 21 / 55 page
background image
4−4
4.8
Analog Control Register (40h)
The analog control register (ACR) allows control of de-emphasis, selection of the analog input channel to the ADC,
and analog power down.
An I2C master is required to write the appropriate command into the ACR. The ACR subaddress is 40h.
Bit
7
6
5
4
3
2
1
0
Type
R/W
R/W
R/W
R/W
R/W
R/W
R/W
R/W
Default
0
0
0
0
0
0
0
0
Table 4−1. Analog Control Register Description
BIT
FIELD NAME
TYPE
DESCRIPTION
7
Reserved
R/W
Reset to 0
6
Reserved
R/W
Reset to 0
5−4
Reserved
R/W
Reserved. Bits 5 and 4 return 0s when read.
3−2
DM(1−0)
R/W
De-emphasis control
00 = De-emphasis off (initial condition after reset)
01 = 48 kHz sample rate de-emphasis selected
10 = 44.1 kHz sample rate de-emphasis selected
11 = Reserved
1
INP
R/W
Analog input select
0 = LINA and RINA selected (initial condition after reset)
1 = LINB and RINB selected
0
APD
R/W
Analog power down
0 = Normal operation (initial condition after reset)
1 = Power down



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com