Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 40 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 40 Page - Texas Instruments

Back Button TAS3002 Datasheet HTML 36Page - Texas Instruments TAS3002 Datasheet HTML 37Page - Texas Instruments TAS3002 Datasheet HTML 38Page - Texas Instruments TAS3002 Datasheet HTML 39Page - Texas Instruments TAS3002 Datasheet HTML 40Page - Texas Instruments TAS3002 Datasheet HTML 41Page - Texas Instruments TAS3002 Datasheet HTML 42Page - Texas Instruments TAS3002 Datasheet HTML 43Page - Texas Instruments TAS3002 Datasheet HTML 44Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 40 / 55 page
background image
7−7
7.7
External EEPROM Memory Maps
Table 7−2 through Table 7−5 show the 512-byte and 2048-byte EEPROM memory maps.
Table 7−2. 512-Byte EEPROM Memory Map 2.0 Channels
ADDRESS
BYTE NUMBER
FUNCTION
000h
1
Signature (2Ah)
001h
1
ID byte = 0000 0000
002h
1
MCR
003h−00Bh
9
Mixer left gain
00Ch−014h
9
Mixer right gain
015h−01Ah
2
DRC (ratio, threshold, energy
α, attackα, decayα)
01Bh
1
Bass
01Ch
1
Treble
01Dh−022h
6
Volume
031h−03Fh
15
Biquad 0
040h−04Eh
15
Biquad 1
04Fh−05Dh
15
Biquad 2
05Eh−06Ch
15
Biquad 3
Left channel
06Dh−07Bh
15
Biquad 4
Left channel
07Ch−08Ah
15
Biquad 5
08Bh−099h
15
Biquad 6
09Ah
1
0 dB/bass
09Bh
1
0 dB/treble
09Ch−0A1h
6
Bass break
0A2h−0A7h
6
Treble break
0A8h−110h
105
Bass delta
111h−179h
105
Treble delta
17Ah−17Fh
6
Bass set point
180h−185h
6
Treble set point
186h−194h
15
Biquad 0
195h−1A3h
15
Biquad 1
1A4h−1B2h
15
Biquad 2
1B3h−1C1h
15
Biquad 3
Right channel
1C2h−1D0h
15
Biquad 4
Right channel
1D1h−1DFh
15
Biquad 5
1E0h−1EEh
15
Biquad 6
NOTE: Bytes are in the same order as they appear in the I2C register map. The EEPROM address is A0h.



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com