Electronic Components Datasheet Search
  English  ▼

X  

TAS3002 Datasheet(PDF) 5 Page - Texas Instruments

Part # TAS3002
Description  Digital Audio Processor With Codec
PDF  55 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
Manufacturer  TI1 [Texas Instruments]
Direct Link  http://www.ti.com
Logo TI1 - Texas Instruments

TAS3002 Datasheet(HTML) 5 Page - Texas Instruments

  TAS3002 Datasheet HTML 1Page - Texas Instruments TAS3002 Datasheet HTML 2Page - Texas Instruments TAS3002 Datasheet HTML 3Page - Texas Instruments TAS3002 Datasheet HTML 4Page - Texas Instruments TAS3002 Datasheet HTML 5Page - Texas Instruments TAS3002 Datasheet HTML 6Page - Texas Instruments TAS3002 Datasheet HTML 7Page - Texas Instruments TAS3002 Datasheet HTML 8Page - Texas Instruments TAS3002 Datasheet HTML 9Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 55 page
background image
1−4
1.4
Terminal Assignments
Figure 1−2 shows the terminal locations on the package outline, along with the signal name assigned to each
terminal.
14 15
NC
AVDD
NC
GPI5
GPI4
GPI3
GPI2
GPI1
GPI0
ALLPASS
SDOUT1
SDOUT0
36
35
34
33
32
31
30
29
28
27
26
25
16
1
2
3
4
5
6
7
8
9
10
11
12
LINA
VRFILT
AVSS(REF)
AVSS
INPA
RESET
CS1
PWR_DN
TEST
CAP_PLL
CLKSEL
MCLKO
17 18 19 20
47 46 45 44 43
48
42
40 39 38
41
21 22 23 24
37
13
PACKAGE
(TOP VIEW)
Figure 1−2. TAS3002 Terminal Assignments
1.5
Terminal Functions
Table 1−1 lists the terminals in alphanumeric order by signal name, along with the terminal number, terminal type,
and a description of the terminal function.
Table 1−1. TAS3002 Terminal Functions
TERMINAL
I/O
DESCRIPTION
NAME
NO.
I/O
DESCRIPTION
AINLM
46
I
ADC left channel analog input (antialias capacitor)
AINLP
47
I
ADC left channel analog input (antialias capacitor)
AINRM
43
I
ADC right channel analog input (antialias capacitor)
AINRP
42
I
ADC right channel analog input (antialias capacitor)
ALLPASS
27
I
Logic high bypasses equalization filters
AOUTL
39
O
Left channel analog output
AOUTR
37
O
Right channel analog output
AVDD
35
I
Analog power supply (3.3 V)
AVSS
4
I
Analog voltage ground
AVSS(REF)
3
I
Analog ground voltage reference



Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55


Datasheet Download

Go To PDF Page


Link URL



Does ALLDATASHEET help your business so far?  [ DONATE ] 

About Alldatasheet   |   Advertisement   |   Contact us   |   Privacy Policy   |   Link to Datasheet    |   Link Exchange   |   Manufacturer List
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com